Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDLN025PU25R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDLN025PU25R
Description  250 mA ultra low noise LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN025PU25R Datasheet(HTML) 4 Page - STMicroelectronics

  LDLN025PU25R Datasheet HTML 1Page - STMicroelectronics LDLN025PU25R Datasheet HTML 2Page - STMicroelectronics LDLN025PU25R Datasheet HTML 3Page - STMicroelectronics LDLN025PU25R Datasheet HTML 4Page - STMicroelectronics LDLN025PU25R Datasheet HTML 5Page - STMicroelectronics LDLN025PU25R Datasheet HTML 6Page - STMicroelectronics LDLN025PU25R Datasheet HTML 7Page - STMicroelectronics LDLN025PU25R Datasheet HTML 8Page - STMicroelectronics LDLN025PU25R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin configuration
LDLN025
4/22
DocID029566 Rev 4
2
Pin configuration
Figure 2: Pin configuration
Table 1: Pin description
Symbol
DFN4-1x1
Flip-Chip4
Description
VIN
4
A1
LDO Supply voltage
VOUT
1
A2
LDO Output voltage
GND
2
B2
Ground
EN
3
B1
Enable input: set VEN = high to turn on the device;
VEN = low to turn off the device
This pin is internally pulled down via 1 MΩ resistor
NC
-
-
Not internally connected: can be connected to GND
Exposed
pad
Exposed
pad
-
Must be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com