Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDL112PU15R Datasheet(PDF) 22 Page - STMicroelectronics

Part # LDL112PU15R
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112PU15R Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LDL112PU15R Datasheet HTML 18Page - STMicroelectronics LDL112PU15R Datasheet HTML 19Page - STMicroelectronics LDL112PU15R Datasheet HTML 20Page - STMicroelectronics LDL112PU15R Datasheet HTML 21Page - STMicroelectronics LDL112PU15R Datasheet HTML 22Page - STMicroelectronics LDL112PU15R Datasheet HTML 23Page - STMicroelectronics LDL112PU15R Datasheet HTML 24Page - STMicroelectronics LDL112PU15R Datasheet HTML 25Page - STMicroelectronics LDL112PU15R Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Package information
LDL112
22/32
DocID026319 Rev 2
8.4
DFN6 (2x2) packing information
Figure 33: DFN6 (2x2) reel outline
Table 9: DFN6 (2x2) tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A
180
C
12.8
13.2
D
20.2
N
60
T
14.4
A0
2.4
B0
2.4
K0
1.3
P0
4
P
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com