Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011F3 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32L011F3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011F3 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32L011F3 Datasheet HTML 56Page - STMicroelectronics STM32L011F3 Datasheet HTML 57Page - STMicroelectronics STM32L011F3 Datasheet HTML 58Page - STMicroelectronics STM32L011F3 Datasheet HTML 59Page - STMicroelectronics STM32L011F3 Datasheet HTML 60Page - STMicroelectronics STM32L011F3 Datasheet HTML 61Page - STMicroelectronics STM32L011F3 Datasheet HTML 62Page - STMicroelectronics STM32L011F3 Datasheet HTML 63Page - STMicroelectronics STM32L011F3 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 115 page
background image
DocID027973 Rev 4
60/115
STM32L011x3/4
Electrical characteristics
92
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the following tables. The
MCU is placed under the following conditions:
•
all I/O pins are in input mode with a static value at VDD or VSS (no load)
•
all peripherals are disabled unless otherwise mentioned
•
the given value is calculated by measuring the current consumption
–
with all peripherals clocked OFF
–
with only one peripheral clocked ON
Table 30. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(Standby)
Supply current in Standby
mode
Independent watchdog
and LSI enabled
TA = -40 °C to 25 °C
0.8
1.6
µA
TA = 55 °C
0.9
1.8
TA= 85 °C
1
2
TA = 105 °C
1.25
3
TA = 125 °C
2
7
Independent watchdog
and LSI OFF
TA = -40 °C to 25 °C
0.23
0.6
TA = 55 °C
0.25
0.7
TA = 85 °C
0.36
1
TA = 105 °C
0.62
1.7
TA = 125 °C
1.35
5
1. Guaranteed by characterization results at 125 °C, not tested in production, unless otherwise specified
Table 31. Average current consumption during wakeup
Symbol
parameter
System frequency
Current
consumption
during wakeup
Unit
IDD (WU from
Stop)
Supply current during wakeup from
Stop mode
HSI
1
mA
HSI/4
0,7
MSI 4,2 MHz
0,7
MSI 1,05 MHz
0,4
MSI 65 KHz
0,1
IDD (Reset)
Reset pin pulled down
-
0,21
IDD (Power Up)
BOR ON
-
0,23
IDD (WU from
StandBy)
With Fast wakeup set
MSI 2,1 MHz
0,5
With Fast wakeup disabled
MSI 2,1 MHz
0,12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com