Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L073X8 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L073X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L073X8 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L073X8 Datasheet HTML 7Page - STMicroelectronics STM32L073X8 Datasheet HTML 8Page - STMicroelectronics STM32L073X8 Datasheet HTML 9Page - STMicroelectronics STM32L073X8 Datasheet HTML 10Page - STMicroelectronics STM32L073X8 Datasheet HTML 11Page - STMicroelectronics STM32L073X8 Datasheet HTML 12Page - STMicroelectronics STM32L073X8 Datasheet HTML 13Page - STMicroelectronics STM32L073X8 Datasheet HTML 14Page - STMicroelectronics STM32L073X8 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 139 page
background image
DocID027096 Rev 3
11/139
STM32L073xx
Description
36
2.1
Device overview
Table 2. Ultra-low-power STM32L073xxx device features and peripheral counts
Peripheral
STM32L073
V8
STM32L073
CB
STM32L073
VB
STM32L073
RB
STM32L073
CZ
STM32L073
VZ
STM32L073
RZ
Flash (Kbytes)
64 Kbytes
128 Kbytes
192 Kbytes
Data EEPROM (Kbytes)
3 Kbytes
6 Kbytes
RAM (Kbytes)
20 Kbytes
Timers
General-
purpose
4
Basic
2
LPTIMER
1
RTC/SYSTICK/IWDG/WWDG
1/1/1/1
Commu-
nication
interfaces
SPI/I2S
6(4)(1)/1
I2C
3
USART
4
LPUART
1
USB/(VDD_USB)
1/(1)
GPIOs
84
37
84
51(2)
37
84
51(2)
Clocks:
HSE/LSE/HSI/MSI/LSI
1/1/1/1/1
12-bit synchronized ADC
Number of channels
1
16
1
10
1
16(2)
1
10
1
16(2)
12-bit DAC
Number of channels
2
2
LCD
COM x SEG
1
4x52 or
8x48
1
4x18
1
4x52 or
8x48
1
4x32 or
8x28(2)
1
4x18
1
4x52 or 8x48
1
4x32 or
8x28(2)
Comparators
2
Capacitive sensing
channels
24
17
24
24(2)
17
24
24(2)
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option 1.65 to 3.6 V without BOR option
Operating temperatures
Ambient temperature: –40 to +125 °C
Junction temperature: –40 to +130 °C
Packages
LQFP100
UFBGA100
LQFP48
LQFP100
UFBGA100
LQFP64,
TFBGA64
LQFP48
LQFP100
UFBGA100
LQFP64,
TFBGA64
1. 4 SPI interfaces are USARTs operating in SPI master mode.
2. TFBGA64 has one GPIO, one ADC input, one capacitive sensing channel and one COMxSEG (4x31 or 8x27) less than
LQFP64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com