Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L052C8 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32L052C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052C8 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32L052C8 Datasheet HTML 62Page - STMicroelectronics STM32L052C8 Datasheet HTML 63Page - STMicroelectronics STM32L052C8 Datasheet HTML 64Page - STMicroelectronics STM32L052C8 Datasheet HTML 65Page - STMicroelectronics STM32L052C8 Datasheet HTML 66Page - STMicroelectronics STM32L052C8 Datasheet HTML 67Page - STMicroelectronics STM32L052C8 Datasheet HTML 68Page - STMicroelectronics STM32L052C8 Datasheet HTML 69Page - STMicroelectronics STM32L052C8 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 136 page
background image
Electrical characteristics
STM32L052x6 STM32L052x8
66/136
DocID025936 Rev 6
Figure 16. IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-power run mode, code running
from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS
Table 35. Current consumption in Low-power sleep mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(LP Sleep)
Supply
current in
Low-power
sleep mode
All peripherals
off, VDD from
1.65 to 3.6 V
MSI clock = 65 kHz,
fHCLK = 32 kHz,
Flash off
TA = − 40 to 25°C
4.7(2)
-
µA
MSI clock = 65 kHz,
fHCLK = 32 kHz,
Flash on
TA = − 40 to 25°C
17
23
TA = 85 °C
19.5
63
TA = 105 °C
23
69
TA = 125 °C
32.5
90
MSI clock =65 kHz,
fHCLK = 65 kHz,
Flash on
TA = − 40 to 25°C
17
23
TA = 85 °C
20
63
TA = 105 °C
23.5
69
TA = 125 °C
32.5
90
MSI clock = 131 kHz,
fHCLK = 131 kHz,
Flash on
TA = − 40 to 25°C
19.5
36
TA = 55 °C
20.5
64
TA = 85 °C
22.5
66
TA = 105 °C
26
72
TA = 125 °C
35
95
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.
2. As the CPU is in Sleep mode, the difference between the current consumption with Flash on and off (nearly 12 µA) is the
same whatever the clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com