Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L052K8 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L052K8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052K8 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L052K8 Datasheet HTML 7Page - STMicroelectronics STM32L052K8 Datasheet HTML 8Page - STMicroelectronics STM32L052K8 Datasheet HTML 9Page - STMicroelectronics STM32L052K8 Datasheet HTML 10Page - STMicroelectronics STM32L052K8 Datasheet HTML 11Page - STMicroelectronics STM32L052K8 Datasheet HTML 12Page - STMicroelectronics STM32L052K8 Datasheet HTML 13Page - STMicroelectronics STM32L052K8 Datasheet HTML 14Page - STMicroelectronics STM32L052K8 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
DocID025936 Rev 6
11/136
STM32L052x6 STM32L052x8
36
2.1
Device overview
Table 2. Ultra-low-power STM32L052x6/x8 device features and peripheral counts
Peripheral
STM32L
052T6
STM32
L052K6
STM32
L052C6
STM32
L052R6
STM32L
052T8
STM32
L052K8
STM32
L052C8
STM32
L052R8
Flash (Kbytes)
32
64
Data EEPROM (Kbytes)
22
RAM (Kbytes)
88
Timers
General-
purpose
33
Basic
11
LPTIMER
11
RTC/SYSTICK/IWDG/
WWDG
1/1/1/1
1/1/1/1
Communic
ation
interfaces
SPI/I2S
3(2)(1)/0
3(2)(1)/0
4(2)(1)/1
3(2)(1)/1
3(2)(1)/1
3(2)(1)/0
4(2)(1)/1
I2C
21
2
2
1
2
USART
22
LPUART
10
1
1
0
1
USB/
(VDD_USB)
1/(0)
1/(1)
1/(0)
1/(1)
GPIOs
29
27(2)
37
51(3)
29
27(2)
37
51(3)
Clocks:
HSE/LSE/HSI/MSI/LSI
0/1/1/1/1
0/1/1/1/1 1/1/1/1/1 1/1/1/1/1 0/1/1/1/1 0/1/1/1/1 1/1/1/1/1 1/1/1/1/1
12-bit synchronized
ADC
Number of channels
1
10
1
10
1
10
1
16(3)
1
10
1
10
1
10
1
16(3)
12-bit DAC
Number of channels
1
1
1
1
Comparators
2
Capacitive sensing
channels
14
17
24(3)
14
17
24(3)
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 V to 3.6 V without BOR option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com