Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 93Page - Texas Instruments TMS320F2811 Datasheet HTML 94Page - Texas Instruments TMS320F2811 Datasheet HTML 95Page - Texas Instruments TMS320F2811 Datasheet HTML 96Page - Texas Instruments TMS320F2811 Datasheet HTML 97Page - Texas Instruments TMS320F2811 Datasheet HTML 98Page - Texas Instruments TMS320F2811 Datasheet HTML 99Page - Texas Instruments TMS320F2811 Datasheet HTML 100Page - Texas Instruments TMS320F2811 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 162 page
background image
Electrical Specifications
97
April 2001 − Revised December 2004
SPRS174L
voltage supervisors be used to meet this constraint. LDO regulators that facilitate power-sequencing (with
the aid of additional external components) may be used to meet the power sequencing requirement. See
www.spectrumdigital.com for F2812 eZdsp
 schematics and updates.
Table 6−2. Recommended “Low-Dropout Regulators”
SUPPLIER
PART NUMBER
Texas Instruments
TPS767D301
NOTE:
The GPIO pins are undefined until VDD = 1 V and VDDIO = 2.5 V.
VDD_3.3V†
2.5 V
(see Note A)
3.3 V
VDD_1.8V‡
XRS
1.8 V (or
1.9 V)
XRS
> 8
µs
1.5 V
3.3 V
<10 ms
>1 ms
Power-Up Sequence
Power-Down Sequence
1.8 V (or
1.9 V)
† VDD_3.3V −VDDIO, VDD3VFL, VDDAIO, VDDA1, VDDA2, AVDDREFBG
‡ VDD_1.8V −VDD, VDD1
NOTES: A. 1.8-V (or 1.9 V) supply should ramp after the 3.3-V supply reaches at least 2.5 V.
B. Reset (XRS) should remain low until supplies and clocks are stable. See Figure 6−10, Power-on Reset in Microcomputer Mode
(XMP/MC = 0), for minimum requirements.
C. Voltage supervisor or LDO reset control will trip reset (XRS) first when the 3.3-V supply is off regulation. Typically, this occurs
a few milliseconds before the 1.8-V (or 1.9 V) supply reaches 1.5 V.
D. Keeping reset low (XRS) at least 8
µs prior to the 1.8-V (or 1.9 V) supply reaching 1.5 V will keep the flash module in complete
reset before the supplies ramp down.
E. Since the state of GPIO pins is undefined until the 1.8-V (or 1.9 V) supply reaches at least 1 V, this supply should be ramped
as quickly as possible (after the 3.3-V supply reaches at least 2.5 V).
F. Other than the power supply pins, no pin should be driven before the 3.3-V rail has been fully powered up.
See Note B
See Note D
See Note C
Figure 6−5. F2812/F2811/F2810 Typical Power-Up and Power-Down Sequence − Option 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com