Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDL212PU50R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDL212PU50R
Description  High PSRR, low drop linear regulator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL212PU50R Datasheet(HTML) 4 Page - STMicroelectronics

  LDL212PU50R Datasheet HTML 1Page - STMicroelectronics LDL212PU50R Datasheet HTML 2Page - STMicroelectronics LDL212PU50R Datasheet HTML 3Page - STMicroelectronics LDL212PU50R Datasheet HTML 4Page - STMicroelectronics LDL212PU50R Datasheet HTML 5Page - STMicroelectronics LDL212PU50R Datasheet HTML 6Page - STMicroelectronics LDL212PU50R Datasheet HTML 7Page - STMicroelectronics LDL212PU50R Datasheet HTML 8Page - STMicroelectronics LDL212PU50R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Pin configuration
LDL212
4/28
DocID028297 Rev 2
2
Pin configuration
Figure 3: Pin configuration (top view)
Table 1: Pin description
Pin name
Pin number
(SO-8)
Pin number
(DFN6)
Description
VIN
4
4
Input voltage
VOUT
1
3
Output voltage
GND
2, 3, 6, 7
1
Ground
ADJ/sense
8
2
Feedback pin for adjustable version / VOUT sense
(1) on fixed version
EN
5
6
Enable pin. The device is in off-state when this
pin is pulled low
NC
-
5
Not connected
Notes:
(1) The sense pin on the fixed version must be connected to VOUT for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com