Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C2811
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C2811 Datasheet HTML 1Page - Texas Instruments TMS320C2811 Datasheet HTML 2Page - Texas Instruments TMS320C2811 Datasheet HTML 3Page - Texas Instruments TMS320C2811 Datasheet HTML 4Page - Texas Instruments TMS320C2811 Datasheet HTML 5Page - Texas Instruments TMS320C2811 Datasheet HTML 6Page - Texas Instruments TMS320C2811 Datasheet HTML 7Page - Texas Instruments TMS320C2811 Datasheet HTML 8Page - Texas Instruments TMS320C2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 162 page
background image
Revision History
3
April 2001 − Revised June 2004
SPRS174K
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS174K device-specific data
sheet to make it an SPRS174L revision.
Global change: Added the ZHH package
PAGE
NO.
ADDITIONS/CHANGES/DELETIONS
15
Changed notes on Table 2−1
15
Added the ZHH package to Table 2−1 and changed the Product Status from TMX to TMS
16
Added the ZHH package to Section 2.3
19
Added a line to the description of XCLKOUT in Table 2−2
37
Added new Table 3−4, Boot Mode Selection
47
Modified the note on interrupts in Table 3−11
64
Modified the equation in section 4.3
75
Changed PCR1 to PCR in Table 4−7
85
Modified Figure 4−12 and changed title from “Modes of Operation” to “GPIO/Peripheral Pin Multiplexing”
87
Added ZHH package to Figure 5−1
87
Updated section 5.2, Documentation Support
92
Added a new row and two footnotes to the Electrical Characterisitcs Over Recommended Operating Conditions table
(section 6.3)
92
Added VDD1 to the first footnote of the Current Consumption by Power-Supply Pins Over Recommended Operating
Conditions During Low-Power Modes at 150-MHz SYSCLKOUT (TMS320F281x) table (section 6.4)
93
Added new values to the Current Consumption by Power-Suply Pins Over Recommended Operating Cnditions During
Low-Power Modes at 150-MHz SYSCLKOUT (TMS320C281x) (section 6.5)
94−95
Added Figure 6−1−through Figure 6−4
107
Added Table 6−10 as part of splitting IDLE mode timing requirements and switiching characteristics into two separate tables
107
Added Table 6−12 as part of splitting STANDBY mode timing requirements and switiching characteristics into two separate
tables
108
Added Table 6−14 as part of splitting HALT mode timing requirements and switiching characteristics into two separate tables
153
Added new Table 6−60 ROM Access Timing
153
Added new Table 6−61 Minimum Required Wait-States at Different Frequencies (C281x devices)
154
Added section 6.33 Migrating From F281x to C281x Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com