Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR2080CD Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # MBR2080CD
Description  20 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBR2080CD Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  MBR2080CD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBR2080CD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBR2080CD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR2040C
D~MBR20200CD
TJ=100 C
J
RATING AND CHARACTERISTIC CURVES
40
10
8
6
4
2
1.0
0.8
0.6
0.4
40-45V
T = 25
OC
50-60V
80-100V
1
50-200V
0.2
0.1
Pulse Width = 300 us
1% Duty Cycle
0.4
0.5
0.6
0.7
0.8 0.9
1.0
1.1
FORWARD VOLTAGE, VOLTS
Fig.4- TYPICAL INSTANTANEOUS
FORW ARD CHARACTERISTICS
O
10
20.0
16.0
= 4 0 -
100V
=
150 - 200V
12.0
8.0
4.0
RESISTIVE OR
INDUCTIVE LOAD
0
0
20
40
60
80
100
120
140
160
180
LEAD TEMPERATURE,
OC
Fig.1- FORWARD CURRENT DERATING CURVE
150
120
90
60
30
0
1
2
5
10
20
50
100
NO. OF CYCLE AT 60Hz
Fig.2- MAXIMUM NON - REPETITIVE SURGE
CURRENT
1.0
TJ=75
O C
0.1
TJ=25
O C
0.01
0.001
0
20
40
60
80
100 120
140
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
Fig.3- TYPICAL REVERSE CHARACTERISTICS
8.3m s S i ngl e
Half Since-Wave
JEDEC M et ho d
240
210
180
PAGE . 2
Apr,2015-REV.00
www.
dyelec.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com