Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

144LP20D-PCB Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 144LP20D-PCB
Description  Signal conditioned precision pressure transducers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

144LP20D-PCB Datasheet(HTML) 3 Page - Sensortechnics GmbH

  144LP20D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 144LP20D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 144LP20D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 144LP20D-PCB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
144L...-PCB Series
Signal conditioned precision pressure transducers
3/4
Januar 2005 / 004
OUTLINE DRAWING
mass: 20 g
dimensions mm
32.0
3.5 diam.
2 x mounting holes
30.0
port B
(high pressure
board)
2
NOM 6.0
+Vs
-Vs
Vout
3 terminals
0.56 diam.
9.1
14.0
12.6
www.first-sensor.com
www.sensortechnics.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com