Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

161PC01D-PCB Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 161PC01D-PCB
Description  Fully signal conditioned low pressure transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

161PC01D-PCB Datasheet(HTML) 3 Page - Sensortechnics GmbH

  161PC01D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
160PC...-PCB Series
Fully signal conditioned low pressure transducer
3/6
E / 11567 / A
www.first-sensor.com
www.sensortechnics.com
163PC01D36-PCB PERFORMANCE CHARACTERISTICS
(unless otherwise noted, V
S = 8.00 V, RL > 100 kΩ, tamb = 25°C)
164PC01D37-PCB
PERFORMANCE CHARACTERISTICS
(unless otherwise noted, V
S = 8.00 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O5
-5
+H
n
i
2O
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
4
.
30
5
.
35
5
.
3
V
e
g
a
t
l
o
v
t
u
p
t
u
OH
"
5
-
t
a
2O0
8
.
00
0
.
10
2
.
1
H
"
5
+
t
a
2O0
9
.
50
0
.
60
1
.
6
)
C
°
5
4
+
o
t
5
+
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
3
t
e
s
f
f
O0
.
1
±
S
S
F
%
n
a
p
S0
.
1
±
n
a
p
s
d
n
a
t
e
s
f
f
o
d
e
n
i
b
m
o
C0
.
1
±
)
L
S
B
(
y
t
i
r
a
e
n
il
-
n
o
N
2
0
.
1
±
y
t
il
i
b
a
t
a
e
p
e
r
d
n
a
s
i
s
e
r
e
t
s
y
H
5
2
.
0
±
y
t
i
c
i
r
t
e
m
o
i
t
a
RV
9
o
t
8
d
n
a
V
8
o
t
75
.
0
±
V
2
1
o
t
90
.
2
±
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
0
.
0
2A
m
e
m
i
t
e
s
n
o
p
s
e
R
1c
e
s
m
,
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
if
c
it
e
n
g
a
m
o
r
t
c
e
l
e
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
z
H
K
1
(
C
M
A
%
0
8
,
z
H
M
0
0
0
1
o
t
0
8
,
3
e
d
a
r
g
3
-
4
-
0
0
1
6
N
E
0
1m
/
V
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O0
0
1H
n
i
2O
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
9
.
00
0
.
15
0
.
1
V
n
a
p
S
4
0
.
5
t
u
p
t
u
o
e
l
a
c
s
ll
u
F0
9
.
50
0
.
60
1
.
6
)
C
°
5
4
+
o
t
5
+
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
3
t
e
s
f
f
O0
.
1
±
S
S
F
%
n
a
p
S0
.
1
±
n
a
p
s
d
n
a
t
e
s
f
f
o
d
e
n
i
b
m
o
C0
.
1
±
)
L
S
B
(
y
t
i
r
a
e
n
il
-
n
o
N
2
0
.
1
±
y
t
il
i
b
a
t
a
e
p
e
r
d
n
a
s
i
s
e
r
e
t
s
y
H
5
2
.
0
±
y
t
i
c
i
r
t
e
m
o
i
t
a
RV
9
o
t
8
d
n
a
V
8
o
t
75
.
0
±
V
2
1
o
t
90
.
2
±
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
0
.
0
2A
m
e
m
i
t
e
s
n
o
p
s
e
R
1c
e
s
m
,
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
if
c
it
e
n
g
a
m
o
r
t
c
e
l
e
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
z
H
K
1
(
C
M
A
%
0
8
,
z
H
M
0
0
0
1
o
t
0
8
,
3
e
d
a
r
g
3
-
4
-
0
0
1
6
N
E
0
1m
/
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com