Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTYP070D1C Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # PTYP070D1C
Description  Precision differential pressure transmitters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTYP070D1C Datasheet(HTML) 5 Page - Sensortechnics GmbH

  PTYP070D1C Datasheet HTML 1Page - Sensortechnics GmbH PTYP070D1C Datasheet HTML 2Page - Sensortechnics GmbH PTYP070D1C Datasheet HTML 3Page - Sensortechnics GmbH PTYP070D1C Datasheet HTML 4Page - Sensortechnics GmbH PTYP070D1C Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BTE5000 / PTE5000 / PTU5000 Series
Precision differential pressure transmitters
5/5
E / 11101 / B
www.first-sensor.com
www.sensortechnics.com
Calibration
BT: calibration in mbar/bar
PT: calibration in psi
Pressure connection
E: 1/8" BSP female
U: 1/8" NPT female
For mbar ranges only
Pressure range
BTE5000 series
PTE/PTU5000 series
0025:
0...25 mbar
000.3:
0...0.3 psi
P025:
-25...+25 mbar
001:
0...1 psi
0070:
0...70 mbar
P01:
-1...+1 psi
P070:
-70...+70 mbar
005:
0...5 psi
0350:
0...350 mbar
P05:
-5...+5 psi
P350: -350...+350 mbar
015:
0...15 psi
001:
0...1 bar
P15:
-15...+15 psi
P01:
-1...+1 bar
030:
0...30 psi
002:
0...2 bar
100:
0...100 psi
005:
0...5 bar
150:
0...150 psi
010:
0...10 bar
BT/PT
x
(M)
5xxx
D
x
x
ORDERING INFORMATION
Electrical connection
A: connector version
C: cable version
Output signal
1: 1...6 V
4: 4...20 mA
Differential pressure
Other pressure ranges and options are widely available. Please contact First Sensor.
RECOMMENDED CABLE/CONNECTOR ACCESSORY
for connector version
Order number ZK000101, other cable length on special request
Flying lead end
brown
green
white + shield
yellow
Pin
1
2
3
4
PIN CONNECTION
Included in delivery!
Ø 20
M12 x 1
NOM
60
NOM 2 m
First Sensor reserves the right to make changes to any products herein. First Sensor does not assume any liability arising out of the application
or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com