Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMIP100BU5H3 Datasheet(PDF) 13 Page - Sensortechnics GmbH

Part # HMIP100BU5H3
Description  HMIM100U
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMIP100BU5H3 Datasheet(HTML) 13 Page - Sensortechnics GmbH

Back Button HMIP100BU5H3 Datasheet HTML 8Page - Sensortechnics GmbH HMIP100BU5H3 Datasheet HTML 9Page - Sensortechnics GmbH HMIP100BU5H3 Datasheet HTML 10Page - Sensortechnics GmbH HMIP100BU5H3 Datasheet HTML 11Page - Sensortechnics GmbH HMIP100BU5H3 Datasheet HTML 12Page - Sensortechnics GmbH HMIP100BU5H3 Datasheet HTML 13Page - Sensortechnics GmbH HMIP100BU5H3 Datasheet HTML 14Page - Sensortechnics GmbH HMIP100BU5H3 Datasheet HTML 15Page - Sensortechnics GmbH HMIP100BU5H3 Datasheet HTML 16Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HMI Series
Amplified pressure sensors
13/16
E / 11802 / B
www.first-sensor.com
www.sensortechnics.com
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTION (cont.)
HMI...U5... (SIL, 2 ports axial opposite side, needle big)
dimensions in mm
first angle projection
High pressure port
n
i
P
n
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3L
C
S
4A
D
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com