Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2876 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2876
Description  Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2876 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2876 Datasheet HTML 1Page - National Semiconductor (TI) LM2876 Datasheet HTML 2Page - National Semiconductor (TI) LM2876 Datasheet HTML 3Page - National Semiconductor (TI) LM2876 Datasheet HTML 4Page - National Semiconductor (TI) LM2876 Datasheet HTML 5Page - National Semiconductor (TI) LM2876 Datasheet HTML 6Page - National Semiconductor (TI) LM2876 Datasheet HTML 7Page - National Semiconductor (TI) LM2876 Datasheet HTML 8Page - National Semiconductor (TI) LM2876 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2876
Overture™ Audio Power Amplifier Series
High-Performance 40W Audio Power Amplifier w/Mute
General Description
The LM2876 is a high-performance audio power amplifier
capable of delivering 40W of continuous average power to
an 8
Ω load with 0.1% (THD + N) from 20 Hz–20 kHz.
The performance of the LM2876, utilizing its Self Peak In-
stantaneous Temperature (˚Ke) (SPiKe™) Protection Cir-
cuitry, puts it in a class above discrete and hybrid amplifiers
by providing an inherently, dynamically protected Safe Oper-
ating Area (SOA). SPiKe Protection means that these parts
are completely safeguarded at the output against overvolt-
age, undervoltage, overloads, including shorts to the sup-
plies, thermal runaway, and instantaneous temperature
peaks.
The LM2876 maintains an excellent Signal-to-Noise Ratio of
greater than 95 dB(min) with a typical low noise floor of
2.0 µV. It exhibits extremely low (THD + N) values of 0.06%
at the rated output into the rated load over the audio spec-
trum, and provides excellent linearity with an IMD (SMPTE)
typical rating of 0.004%.
Features
n 40W continuous average output power into 8
Ω
n 75W instantaneous peak output power capability
n Signal-to-Noise Ratio
≥ 95 dB(min)
n An input mute function
n Output protection from a short to ground or to the
supplies via internal current limiting circuitry
n Output over-voltage protection against transients from
inductive loads
n Supply under-voltage protection, not allowing internal
biasing to occur when |V
EE|+|VCC| ≤ 12V, thus
eliminating turn-on and turn-off transients
n 11-lead TO-220 package
Applications
n Component stereo
n Compact stereo
n Self-powered speakers
n Surround-sound amplifiers
n High-end stereo TVs
Typical Application
Overture™ and SPiKe™ Protection are trademarks of National Semiconductor Corporation.
DS011775-1
* Optional components dependent upon specific design requirements. Refer to the External Components Description section for a component functional
description.
FIGURE 1. Typical Audio Amplifier Application Circuit
August 1995
© 1999 National Semiconductor Corporation
DS011775
www.national.com


Similar Part No. - LM2876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM2876 TI2-LM2876 Datasheet
937Kb / 29P
LM2876 Overture™ Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
REVISED MARCH 2013
LM2876TF/NOPB TI1-LM2876TF/NOPB Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM2876TF/NOPB TI2-LM2876TF/NOPB Datasheet
937Kb / 29P
LM2876 Overture™ Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
REVISED MARCH 2013
More results

Similar Description - LM2876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3876 NSC-LM3876 Datasheet
566Kb / 19P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886 Datasheet
745Kb / 20P
Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886_03 Datasheet
846Kb / 24P
Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3876 NSC-LM3876_00 Datasheet
1Mb / 22P
Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM3886 TI1-LM3886 Datasheet
1Mb / 31P
LM3886 Overture Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM3876 TI1-LM3876 Datasheet
937Kb / 29P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com