Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN601DMK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN601DMK
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN601DMK Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN601DMK_16 Datasheet HTML 1Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 2Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 3Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 4Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 5Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 6Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN601DMK
Document number: DS30657 Rev. 6 - 2
2 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMN601DMK
Marking Information
Date Code Key
Year
2005
---
2014
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
Code
S
---
B
C
D
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) (VGS = 10V)
Steady
State
TA = +25°C
TA = +70°C
ID
510
400
mA
t<10s
TA = +25°C
TA = +70°C
ID
580
470
mA
Continuous Drain Current (Note 6) (VGS = 4V
Steady
State
TA = +25°C
TA = +70°C
ID
390
300
mA
t<10s
TA = +25°C
TA = +70°C
ID
440
340
mA
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
850
mA
Maximum Body Diode Continuous Current
IS
1.2
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.7
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
157
°C/W
t<10s
121
Total Power Dissipation (Note 6)
PD
0.98
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
113
°C/W
t<10s
88
Thermal Resistance, Junction to Case (Note 6)
RθJC
26
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate
K7K = Marking Code
YM = Date Code Marking
Y or Y = Year (ex: S = 2005)
M = Month (ex: 9 = September)
K7K YM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com