Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAMG53G Datasheet(PDF) 6 Page - ATMEL Corporation

Part # SAMG53G
Description  SMART ARM-based Flash MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMG53G Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button SAMG53G Datasheet HTML 2Page - ATMEL Corporation SAMG53G Datasheet HTML 3Page - ATMEL Corporation SAMG53G Datasheet HTML 4Page - ATMEL Corporation SAMG53G Datasheet HTML 5Page - ATMEL Corporation SAMG53G Datasheet HTML 6Page - ATMEL Corporation SAMG53G Datasheet HTML 7Page - ATMEL Corporation SAMG53G Datasheet HTML 8Page - ATMEL Corporation SAMG53G Datasheet HTML 9Page - ATMEL Corporation SAMG53G Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SAM G53G / SAM G53N [SUMMARY DATASHEET]
Atmel-11240DS-ATARM-SAM-G53G-SAM-G53N-Summary-Datasheet_17-Oct-14
6
3.
Signal Description
Table 3-1 provides details on the signal names classified by peripheral.
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments
Power Supplies
VDDIO
Peripheral I/O Lines, Voltage Regulator,
ADC Power Supply
Power
–
–
1.62V to 3.6V
VDDOUT
Voltage Regulator Output
Power
–
–
–
VDDCORE
Core Chip Power Supply
Power
–
–
Connected externally
to VDDOUT
GND
Ground
Ground
–
–
–
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
–
VDDIO
Reset state:
- PIO input
- Internal pull-up
disabled
- Schmitt Trigger
enabled
XOUT
Main Oscillator Output
Output
–
–
XIN32
Slow Clock Oscillator Input
Input
–
VDDIO
XOUT32
Slow Clock Oscillator Output
Output
–
–
PCK0 - PCK2
Programmable Clock Output
Output
–
–
Reset state:
- PIO input
- Internal pull-up
enabled
- Schmitt Trigger
enabled
ICE and JTAG
TCK
Test Clock
Input
–
VDDIO
No pull-up resistor
TDI
Test Data In
Input
–
VDDIO
No pull-up resistor
TDO
Test Data Out
Output
–
VDDIO
–
TRACESWO
Trace Asynchronous Data Out
Output
–
VDDIO
–
SWDIO
Serial Wire Input/Output
I/O
–
VDDIO
–
SWCLK
Serial Wire Clock
Input
–
VDDIO
–
TMS
Test Mode Select
Input
–
VDDIO
No pull-up resistor
JTAGSEL
JTAG Selection
Input
High
VDDIO
Pull-down resistor
Flash Memory
ERASE
Flash and NVM Configuration Bits Erase
Command
Input
High
VDDIO
Pull-down (15 k
Ω)
resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com