Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XLM-62R1137-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # XLM-62R1137-R
Description  XLM-62R1137-R Supercapacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XLM-62R1137-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  XLM-62R1137-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XLM-62R1137-R Datasheet HTML 2Page - Cooper Bussmann, Inc. XLM-62R1137-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/elx
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 10420--BU-MC15006
July 2015
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
XLM-62R1137-R Supercapacitors
62V Module
Technical Data
10420
Effective July 2015
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Dimensions (mm) and Mass (kg)
Part Number
W
L
H
Typical Mass (kg)
XLM-62R1137-R
176
635
173
16
Tolerance
± 1.0
Part numbering system
XLM
o o R o
o
o
o
-R
Family Code
Voltage (V)
R= decimal
Capacitance (μF)
Value
Multiplier
XLM = Family code
62R1= 62.1V
Example 130=13 x 107 μF or 130F
RoHS compliant
Packaging information
Standard packaging: 1piece per box
Part marking
Capacitance (F)
Nominal working voltage (V)
Family code (lot number & serial #)
Polarity marking
Positive Terminal: 5/16” – 18 threaded stud
Negative Terminal: 3/8” – 16 threaded stud



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com