Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10TTS08STRL Datasheet(PDF) 5 Page - International Rectifier

Part # 10TTS08STRL
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10TTS08STRL Datasheet(HTML) 5 Page - International Rectifier

  10TTS08STRL Datasheet HTML 1Page - International Rectifier 10TTS08STRL Datasheet HTML 2Page - International Rectifier 10TTS08STRL Datasheet HTML 3Page - International Rectifier 10TTS08STRL Datasheet HTML 4Page - International Rectifier 10TTS08STRL Datasheet HTML 5Page - International Rectifier 10TTS08STRL Datasheet HTML 6Page - International Rectifier 10TTS08STRL Datasheet HTML 7Page - International Rectifier 10TTS08STRL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10TTS08S
SAFEIR Series
Preliminary Data Sheet I2145 12/97
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC
Characteristics
1
10
100
1000
0.511.522.533.5
T = 25°C
J
Instantaneous On-stat e Voltage (V)
T = 125°C
J
10TTS08
0.01
0.1
1
10
0.0001
0.001
0. 01
0.1
1
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
10TTS08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com