Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLQ015M33R Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLQ015M33R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M33R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLQ015M33R Datasheet HTML 2Page - STMicroelectronics STLQ015M33R Datasheet HTML 3Page - STMicroelectronics STLQ015M33R Datasheet HTML 4Page - STMicroelectronics STLQ015M33R Datasheet HTML 5Page - STMicroelectronics STLQ015M33R Datasheet HTML 6Page - STMicroelectronics STLQ015M33R Datasheet HTML 7Page - STMicroelectronics STLQ015M33R Datasheet HTML 8Page - STMicroelectronics STLQ015M33R Datasheet HTML 9Page - STMicroelectronics STLQ015M33R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Maximum ratings
STLQ015
6/17
DocID17285 Rev 6
4
Maximum ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
-0.3 to 7
V
VOUT
DC output voltage
-0.3 to VIN+0.3
V
VEN
Enable input voltage
-0.3 to VIN+0.3
V
IOUT
Output current
Internally limited
mA
ESD
Human body model
±3
kV
Machine model
±300
V
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Max. junction temperature
150
°C
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. All values
are referred to GND.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
255
°C/W
RthJC
Thermal resistance junction-case
81
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com