Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AL313X Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8AL313X
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Datasheet(HTML) 1 Page - STMicroelectronics

  STM8AL313X Datasheet HTML 1Page - STMicroelectronics STM8AL313X Datasheet HTML 2Page - STMicroelectronics STM8AL313X Datasheet HTML 3Page - STMicroelectronics STM8AL313X Datasheet HTML 4Page - STMicroelectronics STM8AL313X Datasheet HTML 5Page - STMicroelectronics STM8AL313X Datasheet HTML 6Page - STMicroelectronics STM8AL313X Datasheet HTML 7Page - STMicroelectronics STM8AL313X Datasheet HTML 8Page - STMicroelectronics STM8AL313X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
This is information on a product in full production.
October 2016
DocID18474 Rev 7
1/124
STM8AL313x/4x/6x
STM8AL3L4x/6x
Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC,
data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
Datasheet
- production data
Features
• AEC-Q100 grade 1 conform
qualification
• Operating conditions
– Operating power supply range 1.8 V to
3.6 V (down to 1.65 V at power down)
– Temperature range: - 40 °C to 85 or 125 °C
• Low power features
– Five low-power modes: Wait, low-power
run (5.1 μA), low-power wait (3 μA), active-
halt with full RTC (1.3 μA), halt with PDR
(400 nA)
– Run from Flash: 195 μA/MHz + 440 μA
– Run from RAM: 90 μA/MHz + 400 μA
– Ultra-low leakage per I/0: 50 nA
– Fast wakeup from Halt: 4.7 µs
• Advanced STM8 core
– Harvard architecture and 3-stage pipeline
– Max freq. 16 MHz, 16 CISC MIPS peak
– Up to 40 external interrupt sources
• Reset and supply management
– Low power, ultra safe BOR reset with 5
selectable thresholds
– Ultra-low power POR/PDR
– Programmable voltage detector (PVD)
• Clock management
– 1 to 16 MHz crystal oscillator
– 32 kHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– Internal 38 kHz low consumption RC
– Clock security system
• Low power RTC
– BCD calendar with alarm interrupt
– Auto-wakeup from Halt (0.95 ppm
resolution) w/ periodic interrupt
• LCD:up to 4x28 segments w/ step-up converter
• Memories
– Program memory: up to 32 Kbyte Flash
program; data retention 20 years at 55 °C
– Data memory: up to 1 Kbyte true data
EEPROM; endurance 300 kcycle
– RAM: up to 2 Kbyte
• DMA
– Four channels; supported peripherals:
ADC, DAC, SPI, I2C, USART, timers
– One channel for memory-to-memory
• 12-bit DAC with output buffer
• 12-bit ADC up to 1 Mbps/25 channels
– Temp sensor and internal reference voltage
• Two ultra-low-power comparators
– One with fixed threshold and one rail to rail
– Wakeup capability
• Timers
– Two 16-bit timers with two channels (used
as IC, OC, PWM), quadrature encoder
– One 16-bit advanced control timer with
three channels, supporting motor control
– One 8-bit timer with 7-bit prescaler
– Two watchdogs: one window, one
independent
– Beeper timer with 1-, 2- or 4 kHz
frequencies
• Communication interfaces
– Synchronous serial interface (SPI)
– Fast I2C 400 kHz SMBus and PMBus
– USART (ISO 7816 interface, IrDA, LIN 1.3,
LIN 2.0)
• Up to 41 I/Os, all mappable on interrupt vectors
LQFP32
LQFP48
7 x 7 mm
7 x 7 mm
VFQFPN32
5 x 5 mm
www.st.com


Similar Part No. - STM8AL313X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AL3188 STMICROELECTRONICS-STM8AL3188 Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL3188TCX STMICROELECTRONICS-STM8AL3188TCX Datasheet
2Mb / 131P
Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
05-Dec-2016
STM8AL3189 STMICROELECTRONICS-STM8AL3189 Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL318A STMICROELECTRONICS-STM8AL318A Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL318x STMICROELECTRONICS-STM8AL318x Datasheet
258Kb / 18P
device limitations
11-Sep-2015
More results

Similar Description - STM8AL313X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L15 STMICROELECTRONICS-STM8L15 Datasheet
2Mb / 122P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
23-Jul-2010
STM8L052C6T6 STMICROELECTRONICS-STM8L052C6T6 Datasheet
1Mb / 102P
Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
22-Jun-2012
STM8L052R8T6 STMICROELECTRONICS-STM8L052R8T6 Datasheet
442Kb / 55P
Value Line, 8-bit ultralow power MCU, 64-KB Flash, 256-bytes data EEPROM, RTC, LCD, timers,USART, I2C, SPI, ADC
05-Jun-2012
STM8L151F3P6 STMICROELECTRONICS-STM8L151F3P6 Datasheet
1Mb / 112P
8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
06-Jul-2012
STM8AL31E8X STMICROELECTRONICS-STM8AL31E8X Datasheet
2Mb / 133P
Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
05-Dec-2016
STM8AL318X STMICROELECTRONICS-STM8AL318X Datasheet
2Mb / 131P
Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
05-Dec-2016
STM8L051F3 STMICROELECTRONICS-STM8L051F3 Datasheet
1Mb / 96P
8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
September 2018
STM8L052C6 STMICROELECTRONICS-STM8L052C6_V01 Datasheet
1Mb / 103P
Value Line, 8-bit ultra-low-power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
09-Mar-2015
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com