Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AL3136 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 28Page - STMicroelectronics STM8AL3136 Datasheet HTML 29Page - STMicroelectronics STM8AL3136 Datasheet HTML 30Page - STMicroelectronics STM8AL3136 Datasheet HTML 31Page - STMicroelectronics STM8AL3136 Datasheet HTML 32Page - STMicroelectronics STM8AL3136 Datasheet HTML 33Page - STMicroelectronics STM8AL3136 Datasheet HTML 34Page - STMicroelectronics STM8AL3136 Datasheet HTML 35Page - STMicroelectronics STM8AL3136 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
Pin description
STM8AL313x/4x/6x STM8AL3L4x/6x
32/124
DocID18474 Rev 7
20
-
-
PD0/TIM3_CH2/
[ADC1_TRIG](4)/
LCD_SEG7(2)/ADC1_IN2
2/COMP2_INP/
COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port D0
Timer 3 - channel 2 /
[ADC1_Trigger] / LCD
segment 7 /
ADC1_IN22 /
Comparator 2 positive
input / Comparator 1
positive input
-9
9
PD0/TIM3_CH2/
[ADC1_TRIG](4)/
ADC1_IN22/COMP2_INP
/
COMP1_INP
I/O TT(3) X
XX
HS
X
X
Port
D0(8)
Timer 3 - channel 2 /
[ADC1_Trigger] /
ADC1_IN22 /
Comparator 2 positive
input / Comparator 1
positive input
21
-
-
PD1/TIM3_ETR/
LCD_COM3(2)/
ADC1_IN21/COMP2_INP
/
COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port D1
Timer 3 - trigger /
LCD_COM3 /
ADC1_IN21 /
Comparator 2 positive
input / Comparator 1
positive input
-10
10
PD1/TIM1_CH3N/
[TIM3_ETR](4)/
LCD_COM3(2)/
ADC1_IN21/COMP2_INP
/
COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port D1
[Timer 3 - trigger]/
TIM1 inverted
channel 3 /
LCD_COM3/
ADC1_IN21 /
Comparator 2 positive
input / Comparator 1
positive input
22 11
11
PD2/TIM1_CH1
/LCD_SEG8(2)/
ADC1_IN20/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port D2
Timer 1 - channel 1 /
LCD segment 8 /
ADC1_IN20 /
Comparator 1 positive
input
23 12
12
PD3/ TIM1_ETR/
LCD_SEG9(2)/ADC1_IN1
9/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port D3
Timer 1 - trigger /
LCD segment 9 /
ADC1_IN19 /
Comparator 1 positive
input
33 21
21
PD4/TIM1_CH2
/LCD_SEG18(2)/
ADC1_IN10/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port D4
Timer 1 - channel 2 /
LCD segment 18 /
ADC1_IN10/
Comparator 1 positive
input
Table 5. Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x pin description (continued)
Pin number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com