Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F058T8 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32F058T8
Description  Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F058T8 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32F058T8 Datasheet HTML 15Page - STMicroelectronics STM32F058T8 Datasheet HTML 16Page - STMicroelectronics STM32F058T8 Datasheet HTML 17Page - STMicroelectronics STM32F058T8 Datasheet HTML 18Page - STMicroelectronics STM32F058T8 Datasheet HTML 19Page - STMicroelectronics STM32F058T8 Datasheet HTML 20Page - STMicroelectronics STM32F058T8 Datasheet HTML 21Page - STMicroelectronics STM32F058T8 Datasheet HTML 22Page - STMicroelectronics STM32F058T8 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
DocID023402 Rev 3
19/104
STM32F058C8 STM32F058R8 STM32F058T8
Functional overview
25
hardware touch sensing controller and only requires few external components to operate.
For operation, one capacitive sensing GPIO in each group is connected to an external
capacitor and cannot be used as effective touch sensing channel.
The touch sensing controller is fully supported by the STMTouch touch sensing firmware
library, which is free to use and allows touch sensing functionality to be implemented reliably
in the end application.
Table 4. Capacitive sensing GPIOs available
on STM32F058C8/R8/T8 devices
Group
Capacitive sensing
signal name
Pin
name
Group
Capacitive sensing
signal name
Pin
name
1
TSC_G1_IO1
PA0
4
TSC_G4_IO1
PA9
TSC_G1_IO2
PA1
TSC_G4_IO2
PA10
TSC_G1_IO3
PA2
TSC_G4_IO3
PA11
TSC_G1_IO4
PA3
TSC_G4_IO4
PA12
2
TSC_G2_IO1
PA4
5
TSC_G5_IO1
PB3
TSC_G2_IO2
PA5
TSC_G5_IO2
PB4
TSC_G2_IO3
PA6
TSC_G5_IO3
PB6
TSC_G2_IO4
PA7
TSC_G5_IO4
PB7
3
TSC_G3_IO1
PC5
6
TSC_G6_IO1
PB11
TSC_G3_IO2
PB0
TSC_G6_IO2
PB12
TSC_G3_IO3
PB1
TSC_G6_IO3
PB13
TSC_G6_IO4
PB14
Table 5. No. of capacitive sensing channels available on STM32F058C8/R8/T8 devices
Analog I/O group
Number of capacitive sensing channels
STM32F058R8
STM32F058C8
STM32F058T8
G1
3
3
3
G2
3
3
3
G3
2
1
1
G4
3
3
3
G5
3
3
3
G6
3
3
0
Number of capacitive
sensing channels
17
16
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com