Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39020ATPU11R Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD39020ATPU11R
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020ATPU11R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD39020ATPU11R Datasheet HTML 7Page - STMicroelectronics LD39020ATPU11R Datasheet HTML 8Page - STMicroelectronics LD39020ATPU11R Datasheet HTML 9Page - STMicroelectronics LD39020ATPU11R Datasheet HTML 10Page - STMicroelectronics LD39020ATPU11R Datasheet HTML 11Page - STMicroelectronics LD39020ATPU11R Datasheet HTML 12Page - STMicroelectronics LD39020ATPU11R Datasheet HTML 13Page - STMicroelectronics LD39020ATPU11R Datasheet HTML 14Page - STMicroelectronics LD39020ATPU11R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LD39020
Electrical characteristics
DocID025316 Rev 3
11/30
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VEN
Enable input
logic low
VIN = 1.5 V to 5.5 V
-40 °C<TJ<125 °C
0.4
V
Enable input
logic high
VIN = 1.5 V to 5.5 V
-40 °C<TJ<125 °C
1
IEN
Enable pin input
current
VEN = VIN
100
nA
TON
(2)
Turn on time
100
µs
TSHDN
Thermal
shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Figure 17:
"Stability area vs (COUT, ESR)")
0.47
22
µF
Notes:
(1)
Not applicable for Vout(nom) > 4.5 V
(2)
Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage
just reaching 95 % of its nominal value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com