Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39020ATPU12R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39020ATPU12R
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020ATPU12R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39020ATPU12R Datasheet HTML 5Page - STMicroelectronics LD39020ATPU12R Datasheet HTML 6Page - STMicroelectronics LD39020ATPU12R Datasheet HTML 7Page - STMicroelectronics LD39020ATPU12R Datasheet HTML 8Page - STMicroelectronics LD39020ATPU12R Datasheet HTML 9Page - STMicroelectronics LD39020ATPU12R Datasheet HTML 10Page - STMicroelectronics LD39020ATPU12R Datasheet HTML 11Page - STMicroelectronics LD39020ATPU12R Datasheet HTML 12Page - STMicroelectronics LD39020ATPU12R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LD39020
Electrical characteristics
DocID025316 Rev 3
9/30
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V , CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 5: Electrical characteristics for LD39020T, LD39020DT
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage
1.5
5.5
V
VOUT
VOUT accuracy
IOUT = 1 mA, TJ = 25 °C
-2
2
%
IOUT = 1 mA,-40 °C<TJ<125 °C
-3
3
%
∆V
OUT
Static line
regulation
(1)
VOUT(NOM) + 1 V ≤ VIN ≤ 5.5 V,
IOUT = 10 mA
0.02
%/V
-40 °C<TJ<125 °C
0.2
∆V
OUT
Static load
regulation
IOUT = 0 mA to 200 mA
10
mV
-40 °C<TJ<125 °C
0.01
%/mA
VDROP
Dropout voltage
IOUT = 30 mA,VOUT = 2.8 V
35
mV
IOUT = 200 mA, VOUT = 2.8 V
-40 °C<TJ<125 °C
200
350
eN
Output noise
voltage
10 Hz to 100 kHz, IOUT = 10 mA
45
µVRM
S
SVR
Supply voltage
rejection
VIN = VOUT(NOM)+ 1 V +/- VRIPPLE
VRIPPLE = 0.2 V Freq .=1 kHz
IOUT = 30 mA
80
dB
VIN = VOUT(NOM)+ 1 V +/- VRIPPLE
VRIPPLE = 0.2 V Freq. = 100 kHz
IOUT = 30 mA
55
IQ
Quiescent current
IOUT = 0 mA
20
40
µA
IOUT = 200 mA
100
IStandby
Standby Current
VIN input current in OFF MODE:
VEN = GND
0.03
1
µA
ISC
Short circuit current
RL = 0
250
350
mA
RON
Output voltage
discharge MOSFET
(only on LD39020DT)
100
Ω
VEN
Enable input logic
low
VIN = 1.5 V to 5.5 V
-40 °C<TJ<125 °C
0.4
V
Enable input logic
high
VIN = 1.5 V to 5.5 V
-40 °C<TJ<125 °C
1
IEN
Enable pin input
current
VEN = VIN
100
nA
TON
(2)
Turn on time
100
µs
TSHDN
Thermal shutdown
160
°C
Hysteresis
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com