Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39020ADTPU18R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD39020ADTPU18R
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020ADTPU18R Datasheet(HTML) 4 Page - STMicroelectronics

  LD39020ADTPU18R Datasheet HTML 1Page - STMicroelectronics LD39020ADTPU18R Datasheet HTML 2Page - STMicroelectronics LD39020ADTPU18R Datasheet HTML 3Page - STMicroelectronics LD39020ADTPU18R Datasheet HTML 4Page - STMicroelectronics LD39020ADTPU18R Datasheet HTML 5Page - STMicroelectronics LD39020ADTPU18R Datasheet HTML 6Page - STMicroelectronics LD39020ADTPU18R Datasheet HTML 7Page - STMicroelectronics LD39020ADTPU18R Datasheet HTML 8Page - STMicroelectronics LD39020ADTPU18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
List of figures
LD39020
4/30
DocID025316 Rev 3
List of figures
Figure 1: Block diagram ..............................................................................................................................5
Figure 2: Pin connection (top view) ............................................................................................................6
Figure 3: Typical application circuits ...........................................................................................................7
Figure 4: Output voltage vs. temperature (IOUT = 1 mA) ...........................................................................13
Figure 5: Output voltage vs. temperature (IOUT = 200 mA) .......................................................................13
Figure 6: Line regulation vs. temperature .................................................................................................13
Figure 7: Load regulation vs. temperature................................................................................................13
Figure 8: Quiescent current vs. temperature (IOUT = 0 mA) ......................................................................14
Figure 9: Quiescent current vs. temperature (IOUT = 200 mA) ..................................................................14
Figure 10: Shutdown current vs. temperature ..........................................................................................14
Figure 11: Quiescent current vs. load current ..........................................................................................14
Figure 12: Quiescent current vs. input voltage .........................................................................................14
Figure 13: Dropout voltage vs temperature ..............................................................................................14
Figure 14: Supply voltage rejection vs. frequency ....................................................................................15
Figure 15: Supply voltage rejection vs. input voltage ...............................................................................15
Figure 16: Output noise spectral density ..................................................................................................15
Figure 17: Stability area vs (COUT, ESR)...................................................................................................15
Figure 18: Enable startup (VOUT = 1 V) .....................................................................................................15
Figure 19: Enable startup (VOUT = 5 V) .....................................................................................................15
Figure 20: Turn-on time (VOUT = 1 V) ........................................................................................................16
Figure 21: Turn-off time (VOUT = 1 V) ........................................................................................................16
Figure 22: Turn-on time (VOUT = 5 V) ........................................................................................................16
Figure 23: Turn-off time (VOUT = 5 V) ........................................................................................................16
Figure 24: Line transient (VOUT = 1 V).......................................................................................................16
Figure 25: Line transient (VOUT = 5 V).......................................................................................................16
Figure 26: Load transient (VOUT = 1 V)......................................................................................................17
Figure 27: Load transient (VOUT = 5 V)......................................................................................................17
Figure 28: DFN 1x1-4L package outline ...................................................................................................19
Figure 29: DFN 1x1-4L recommended footprint .......................................................................................21
Figure 30: SOT23-5L package outline......................................................................................................22
Figure 31: SOT23-5L recommended footprint ..........................................................................................23
Figure 32: SOT23-5L tape and reel outline ..............................................................................................24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com