Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F469NG Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F469NG
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469NG Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F469NG Datasheet HTML 60Page - STMicroelectronics STM32F469NG Datasheet HTML 61Page - STMicroelectronics STM32F469NG Datasheet HTML 62Page - STMicroelectronics STM32F469NG Datasheet HTML 63Page - STMicroelectronics STM32F469NG Datasheet HTML 64Page - STMicroelectronics STM32F469NG Datasheet HTML 65Page - STMicroelectronics STM32F469NG Datasheet HTML 66Page - STMicroelectronics STM32F469NG Datasheet HTML 67Page - STMicroelectronics STM32F469NG Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 217 page
background image
Pinouts and pin description
STM32F469xx
64/217
DocID028196 Rev 3
-
96
D13
G6
H14 116 135 H14
PG8
I/O
FT
-
SPI6_NSS, USART6_RTS,
ETH_PPS_OUT,
FMC_SDCLK, LCD_G7,
EVENTOUT
-
-
-
G9
F2
G12 117 136 G10
VSS
S
-
-
-
-
65
97
G11
F1
H13 118 137 G11
VDDUSB
S
-
-
-
-
66
98
F9
F3
H15 119 138 H15
PC6
I/O
FT
-
TIM3_CH1, TIM8_CH1,
I2S2_MCK, USART6_TX,
SDIO_D6, DCMI_D0,
LCD_HSYNC, EVENTOUT
-
67
99
F10
G7
G15 120 139 G15
PC7
I/O
FT
-
TIM3_CH2, TIM8_CH2,
I2S3_MCK, USART6_RX,
SDIO_D7, DCMI_D1,
LCD_G6, EVENTOUT
-
68
100 E10
F4
G14 121 140 G14
PC8
I/O
FT
-
TRACED1, TIM3_CH3,
TIM8_CH3, USART6_CK,
SDIO_D0, DCMI_D2,
EVENTOUT
-
69
101 G10
F5
F14 122 141 F14
PC9
I/O
FT
-
MCO2, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S_CKIN,
QUADSPI_BK1_IO0,
SDIO_D1, DCMI_D3,
EVENTOUT
-
70
102
D8
E1
F15 123 142 F15
PA8
I/O
FT
-
MCO1, TIM1_CH1,
I2C3_SCL, USART1_CK,
OTG_FS_SOF, LCD_R6,
EVENTOUT
-
71
103
E8
E2
E15 124 143 E15
PA9
I/O
FT
-
TIM1_CH2, I2C3_SMBA,
SPI2_SCK/I2S2_CK,
USART1_TX, DCMI_D0,
EVENTOUT
OTG_FS_
VBUS
72
104
E9
E3
D15 125 144 D15
PA10
I/O
FT
-
TIM1_CH3, USART1_RX,
OTG_FS_ID, DCMI_D1,
EVENTOUT
-
73
105 A13
F7
C15 126 145 C15
PA11
I/O
FT
-
TIM1_CH4, USART1_CTS,
CAN1_RX, OTG_FS_DM,
LCD_R4, EVENTOUT
-
74
106 A12
F6
B15 127 146 B15
PA12
I/O
FT
-
TIM1_ETR, USART1_RTS,
CAN1_TX, OTG_FS_DP,
LCD_R5, EVENTOUT
-
75
107 A11
D1
A15 128 147 A15
PA13(JTMS-
SWDIO)
I/O
FT
-
JTMS-SWDIO, EVENTOUT
-
76
108 D12
D2
F13 129 148 E11
VCAP2
S
-
-
-
-
-
109 D11
C1
F12 130 149 F10
VSS
S
-
-
-
-
Table 10. STM32F469xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com