Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F401CDY6TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F401CDY6TR
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401CDY6TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F401CDY6TR Datasheet HTML 33Page - STMicroelectronics STM32F401CDY6TR Datasheet HTML 34Page - STMicroelectronics STM32F401CDY6TR Datasheet HTML 35Page - STMicroelectronics STM32F401CDY6TR Datasheet HTML 36Page - STMicroelectronics STM32F401CDY6TR Datasheet HTML 37Page - STMicroelectronics STM32F401CDY6TR Datasheet HTML 38Page - STMicroelectronics STM32F401CDY6TR Datasheet HTML 39Page - STMicroelectronics STM32F401CDY6TR Datasheet HTML 40Page - STMicroelectronics STM32F401CDY6TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 135 page
background image
Pinouts and pin description
STM32F401xB STM32F401xC
37/135
DocID024738 Rev 6
Table 7. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input/ output pin
I/O structure
FT
5 V tolerant I/O
B
Dedicated BOOT0 pin
NRST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 8. STM32F401xB/STM32F401xC pin definitions
Pin Number
Pin name
(function
after reset)(1)
Alternate functions
Additional
functions
-
-
-
1
B2
PE2
I/O FT
-
SPI4_SCK, TRACECLK,
EVENTOUT
-
-
-
-
2
A1
PE3
I/O FT
-
TRACED0, EVENTOUT
-
-
-
-
3
B1
PE4
I/O FT
-
SPI4_NSS, TRACED1,
EVENTOUT
-
-
-
-
4
C2
PE5
I/O FT
-
SPI4_MISO, TIM9_CH1,
TRACED2, EVENTOUT
-
-
-
-
5
D2
PE6
I/O FT
-
SPI4_MOSI, TIM9_CH2,
TRACED3, EVENTOUT
-
-
-
-
-
D3
VSS
S
-
-
-
-
--
-
-
C4
VDD
S
-
-
-
-
1
B7
1
6
E2
VBAT
S
-
-
-
-
2
D5
2
7
C1
PC13
I/O FT (2) (3) EVENTOUT,
RTC_TAMP1,
RTC_OUT, RTC_TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com