Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F756VG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F756VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756VG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F756VG Datasheet HTML 8Page - STMicroelectronics STM32F756VG Datasheet HTML 9Page - STMicroelectronics STM32F756VG Datasheet HTML 10Page - STMicroelectronics STM32F756VG Datasheet HTML 11Page - STMicroelectronics STM32F756VG Datasheet HTML 12Page - STMicroelectronics STM32F756VG Datasheet HTML 13Page - STMicroelectronics STM32F756VG Datasheet HTML 14Page - STMicroelectronics STM32F756VG Datasheet HTML 15Page - STMicroelectronics STM32F756VG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 228 page
background image
Description
STM32F756xx
12/228
DocID027589 Rev 4
1
Description
The STM32F756xx devices are based on the high-performance ARM® Cortex®-M7 32-bit
RISC core operating at up to 216 MHz frequency. The Cortex®-M7 core features a single
floating point unit (SFPU) precision which supports all ARM® single-precision data-
processing instructions and data types. It also implements a full set of DSP instructions and
a memory protection unit (MPU) which enhances the application security.
The STM32F756xx devices incorporate high-speed embedded memories with a Flash
memory up to 1 Mbyte, 320 Kbytes of SRAM (including 64 Kbytes of Data TCM RAM for
critical real-time data), 16 Kbytes of instruction TCM RAM (for critical real-time routines),
4 Kbytes of backup SRAM available in the lowest power modes, and an extensive range of
enhanced I/Os and peripherals connected to two APB buses, two AHB buses, a 32-bit multi-
AHB bus matrix and a multi layer AXI interconnect supporting internal and external
memories access.
All the devices offer three 12-bit ADCs, two DACs, a low-power RTC, thirteen general-
purpose 16-bit timers including two PWM timers for motor control and one low-power timer
available in Stop mode, two general-purpose 32-bit timers, a true random number generator
(RNG), and a cryptographic acceleration cell. They also feature standard and advanced
communication interfaces.
Up to four I2Cs
Six SPIs, three I2Ss in duplex mode. To achieve the audio class accuracy, the I2S
peripherals can be clocked via a dedicated internal audio PLL or via an external clock
to allow synchronization.
Four USARTs plus four UARTs
An USB OTG full-speed and a USB OTG high-speed with full-speed capability (with the
ULPI),
Two CANs
Two SAI serial audio interfaces
An SDMMC host interface
Ethernet and camera interfaces
LCD-TFT display controller
Chrom-ART Accelerator™
SPDIFRX interface
HDMI-CEC
Advanced peripherals include an SDMMC interface, a flexible memory control (FMC)
interface, a Quad-SPI Flash memory interface, a camera interface for CMOS sensors and a
cryptographic acceleration cell. Refer to Table 2: STM32F756xx features and peripheral
counts for the list of peripherals available on each part number.
The STM32F756xx devices operate in the –40 to +105 °C temperature range from a 1.7 to
3.6 V power supply. A dedicated supply input for USB (OTG_FS and OTG_HS) is available
on all the packages except LQFP100 for a greater power supply choice.
The supply voltage can drop to 1.7 V with the use of an external power supply supervisor
(refer to Section 2.17.2: Internal reset OFF). A comprehensive set of power-saving mode
allows the design of low-power applications.
The STM32F756xx devices offer devices in 8 packages ranging from 100 pins to 216 pins.
The set of included peripherals changes with the device chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com