Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSZ122IYST Datasheet(PDF) 36 Page - STMicroelectronics

Part # TSZ122IYST
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ122IYST Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TSZ122IYST Datasheet HTML 30Page - STMicroelectronics TSZ122IYST Datasheet HTML 31Page - STMicroelectronics TSZ122IYST Datasheet HTML 32Page - STMicroelectronics TSZ122IYST Datasheet HTML 33Page - STMicroelectronics TSZ122IYST Datasheet HTML 34Page - STMicroelectronics TSZ122IYST Datasheet HTML 35Page - STMicroelectronics TSZ122IYST Datasheet HTML 36Page - STMicroelectronics TSZ122IYST Datasheet HTML 37Page - STMicroelectronics TSZ122IYST Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Ordering information
TSZ121, TSZ122, TSZ124
36/38
DocID023563 Rev 5
7
Ordering information
Table 13: Order codes
Order code
Temperature range
Package
Packaging
Marking
TSZ121ICT
-40 to 125 °C
SC70-5
Tape and reel
K44
TSZ121ILT
SΟΤ23-5
K143
TSZ122IQ2T
DFN8 2x2
K33
TSZ122IST
MiniSO8
K208
TSZ122IDT
SO8
TSZ122I
TSZ124IQ4T
QFN16 3x3
K193
TSZ124IPT
TSSOP14
TSZ124I
TSZ121IYLT
(1)
-40 to 125 °C automotive grade
SΟΤ23-5
K192
TSZ122IYDT
(2)
SO8
K192D
TSZ122IYST
(1)
MiniSO8
K192
TSZ124IYPT
(1)
TSSOP14
TSZ124IY
Notes:
(1)
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to
AEC Q001 & Q 002 or equivalent.
(2)
Automotive qualification ongoing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com