Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN7050AJ Datasheet(PDF) 39 Page - STMicroelectronics

Part # VN7050AJ
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7050AJ Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VN7050AJ Datasheet HTML 35Page - STMicroelectronics VN7050AJ Datasheet HTML 36Page - STMicroelectronics VN7050AJ Datasheet HTML 37Page - STMicroelectronics VN7050AJ Datasheet HTML 38Page - STMicroelectronics VN7050AJ Datasheet HTML 39Page - STMicroelectronics VN7050AJ Datasheet HTML 40Page - STMicroelectronics VN7050AJ Datasheet HTML 41Page - STMicroelectronics VN7050AJ Datasheet HTML 42Page - STMicroelectronics VN7050AJ Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
VN7050AJ, VN7050AS
Package and PCB thermal data
DocID027397 Rev 3
39/55
Figure 45: PowerSSO-16 Rthj-amb vs PCB copper area in open box free air condition (one
channel on)
Figure 46: PowerSSO-16 thermal impedance junction ambient single pulse (one channel on)
Equation: pulse calculation formula
ZTHδ = RTH · δ + ZTHtp (1 - δ)
where δ = tP/T
30
40
50
60
70
80
90
0
2
4
6
8
10
RTHjamb
RTHjamb
GAPGCFT01249
RTHj_amb on 4Layer PCB: 24.5°C/W
GAPGCFT01250
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000
ZTH (°C/W)
Time (s)
Cu=foot print
Cu=2 cm2
Cu=8 cm2
4 Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com