Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTS221TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 5Page - STMicroelectronics HTS221TR Datasheet HTML 6Page - STMicroelectronics HTS221TR Datasheet HTML 7Page - STMicroelectronics HTS221TR Datasheet HTML 8Page - STMicroelectronics HTS221TR Datasheet HTML 9Page - STMicroelectronics HTS221TR Datasheet HTML 10Page - STMicroelectronics HTS221TR Datasheet HTML 11Page - STMicroelectronics HTS221TR Datasheet HTML 12Page - STMicroelectronics HTS221TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DocID026333 Rev 4
9/33
HTS221
Sensor parameters and electrical specifications
33
2.1
Communication interface characteristics
2.1.1
SPI - serial peripheral interface
Subject to general operating conditions for VDD and TOP
Figure 3. SPI slave timing diagram
Note:
Measurement points are done at 0.2·VDD and 0.8·VDD, for both ports.
Table 5. SPI slave timing values
Symbol
Parameter
Value (1)
1. Values are guaranteed at 10 MHz clock frequency for SPI, based on characterization results, not tested in
production.
Unit
Min.
Max.
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
6
ns
th(CS)
CS hold time
8
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
9
tdis(SO)
SDO output disable time
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com