Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F301x8 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32F301x8
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301x8 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32F301x8 Datasheet HTML 59Page - STMicroelectronics STM32F301x8 Datasheet HTML 60Page - STMicroelectronics STM32F301x8 Datasheet HTML 61Page - STMicroelectronics STM32F301x8 Datasheet HTML 62Page - STMicroelectronics STM32F301x8 Datasheet HTML 63Page - STMicroelectronics STM32F301x8 Datasheet HTML 64Page - STMicroelectronics STM32F301x8 Datasheet HTML 65Page - STMicroelectronics STM32F301x8 Datasheet HTML 66Page - STMicroelectronics STM32F301x8 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 135 page
background image
DocID025146 Rev 6
63/135
STM32F301x6 STM32F301x8
Electrical characteristics
114
Table 30. Typical and maximum current consumption from the VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA(2)
Typ
Max @ TA(2)
25 °C
85 °C 105 °C
25 °C 85 °C 105 °C
IDDA
Supply
current in
Run/Sleep
mode,
code
executing
from Flash
or RAM
HSE
bypass
72 MHz
231
254(3)
266
271(3)
251
274(3)
294
300(3)
µA
64 MHz
203
226
239
243
222
245
261
266
48 MHz
153
174
182
186
165
185
198
203
32 MHz
105
124
131
133
114
132
141
143
24 MHz
82
98
104
105
89
106
111
113
8 MHz
3.1
4.1
4.1
5.1
3.6
4.7
5.2
5.5
1 MHz
3.1
4.1
4.1
5.1
3.6
4.7
5.2
5.5
HSI clock
64 MHz
270
294
307
312
296
322
338
343
48 MHz
219
242
253
257
240
263
276
281
32 MHz
171
192
201
203
188
209
219
222
24 MHz
148
169
175
177
163
182
190
193
8 MHz
69
84
87
87
79
92
94
96
1. Current consumption from the VDDA supply is independent of whether the peripherals are on or off. Furthermore when the
PLL is off, IDDA is independent from the frequency.
2. Guaranteed by characterization results.
3. Data based on characterization results and tested in production.
Table 31. Typical and maximum VDD consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD=VDDA)Max(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
16.92 17.09 17.16 17.27 17.39 17.50 29.7 359.1 564.5
µA
Regulator in low-power
mode, all oscillators OFF
5.29 5.46 5.55 5.70 5.73 5.95 16.40 267.1 407.4
Supply
current in
Standby
mode
LSI ON and IWDG ON
0.80 0.93 1.11 1.19 1.31 1.41
-
-
-
LSI OFF and IWDG OFF 0.63 0.76 0.84 0.95 1.02 1.10
5.00
6.30
12.60
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com