Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXDD404 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXDD404
Description  4 Amp Dual Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD404 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXDD404 Datasheet HTML 2Page - IXYS Corporation IXDD404 Datasheet HTML 3Page - IXYS Corporation IXDD404 Datasheet HTML 4Page - IXYS Corporation IXDD404 Datasheet HTML 5Page - IXYS Corporation IXDD404 Datasheet HTML 6Page - IXYS Corporation IXDD404 Datasheet HTML 7Page - IXYS Corporation IXDD404 Datasheet HTML 8Page - IXYS Corporation IXDD404 Datasheet HTML 9Page - IXYS Corporation IXDD404 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PRELIMINARY DATA SHEET
IXDD404PI/404SI/404SIA/404SI-16
P a r t N u m b er
P a ck ag e T y p e
T e m p . R a n g e
I X D D 4 04 P I
8- P i n P D I P
-4 0
° C to + 8 5 ° C
I X D D 4 04 S I
8- P i n S O I C
-4 0
° C to + 8 5 ° C
I X D D 4 0 4 S I A
8 - Pi n SO I C
-4 0
° C to + 8 5 ° C
I X D D 4 04 S I - 1 6
1 6 - P i n S O I C
-4 0
° C to + 8 5 ° C
Ordering Information
IXYS Semiconductor GmbH
Edisonstrasse15 ; D-68623; Lampertheim
Tel: +49-6206-503-0; Fax: +49-6206-503627
e-mail: marcom@ixys.de
IXYS Corporation
3540 Bassett St; Santa Clara, CA 95054
Tel: 408-982-0700; Fax: 408-496-0670
e-mail: sales@ixys.net
Directed Energy, Inc.
An IXYS Company
2401 Research Blvd. Ste. 108, Ft. Collins, CO 80526
Tel: 970-493-1901; Fax: 970-493-1903
e-mail: deiinfo@directedenergy.com
Doc #9200-0226 R4
NOTE: Mounting or solder tabs on all
packages are connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com