Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR232M72APBG Datasheet(PDF) 3 Page - Micross Components

Part # AS4DDR232M72APBG
Description  4-bit prefetch architecture
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR232M72APBG Datasheet(HTML) 3 Page - Micross Components

  AS4DDR232M72APBG Datasheet HTML 1Page - Micross Components AS4DDR232M72APBG Datasheet HTML 2Page - Micross Components AS4DDR232M72APBG Datasheet HTML 3Page - Micross Components AS4DDR232M72APBG Datasheet HTML 4Page - Micross Components AS4DDR232M72APBG Datasheet HTML 5Page - Micross Components AS4DDR232M72APBG Datasheet HTML 6Page - Micross Components AS4DDR232M72APBG Datasheet HTML 7Page - Micross Components AS4DDR232M72APBG Datasheet HTML 8Page - Micross Components AS4DDR232M72APBG Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
iPEM
2.4 Gb SDRAM-DDR2
AS4DDR232M72APBG
AS4DDR232M72APBG
Rev. 1.1 12/12
3
Micross Components reserves the right to change products or specifications without notice.
BGA Locations
Symbol
Type
Description
L6
ODT
CNTL Input On-Die-Termination: Registered High enables on data bus termination
F4, F16, G5, G15, K12
CKx, CKx\
CNTL Input Differential input clocks, one set for each x16bits
L13, L2, K1, M8, N6
G4, G16, K13, M6, K2
CKEx
CNTL Input Clock enable which activates all on silicon clocking circuitry
G1, G13, K16, K4, M12
CSx\
CNTL Input Chip Selects, one for each 16 bits of the data bus width
F12, G2, K15, L5, M11
RASx\
CNTL Input Command input which along with CAS\, WE\ and CS\ define operations
F1, G12, M9, L16, L4,
CASx\
CNTL Input Command input which along with RAS\, WE\ and CS\ define operations
F2, F13, L15, M4, M10
Wex\
CNTL Input Command input which along with RAS\, CAS\ and CS\ define operations
E4, F15, M13, M7, M2
UDMx
CNTL Input One Data Mask cntl. for each upper 8 bits of a x16 word
E2, E13, M15, M5, N11
LDMx
CNTL Input One Data Mask cntl. For each lower 8 bits of a x16 word
E5, E7, E11, N12, N5
UDQSx
CNTL Input Data Strobe input for upper byte of each x16 word
F6, F8, F10, K6, L11
UDQSx\
CNTL Input Differential input of UDQSx, only used when Differential DQS mode is enabled
E6, E10, F5, K5, L12
LDQSx
CNTL Input Data Strobe input for lower byte of each x16 word
F7, F11, G6, L7, L10
LDQSx\
CNTL Input Differential input of LDQSx, only used when Differential DQS mode is enabled
A7, A8, A9, A10, B7,
Ax
Input
Array Address inputs providing ROW addresses for Active commands, and
B8, B9, B10, C7, C8,
the column address and auto precharge bit (A10) for READ/WRITE commands
C9, C10, D7
D8, D9, D10
DNU
Future Input
E8, E9
BA0, BA1
Input
Bank Address inputs
A2, A3, A4, A13, A14,
DQx
Input/Output Data bidirectional input/Output pins
A15, B1, B2, B3, B4,
B13, B14, B15, B16,
C1, C2, C3, C4, C13,
C14, C15, C16, D1, D2,
D3, D4, D13, D14, D15,
D16, E1, E16, M1, M16,
N1, N2, N3, N4, N7, N8,
N9, N10, N13, N14,
N15, N16, PP1, P2, P3,
P4, P7, P8, P9, P10,
P13, P14, P15, P16,
R1, R2, R3, R4, R7, R8,
R9, R10, R13, R14,
R15, R16, T2, T3, T4,
T7, T8, T9, T10, T13,
T14, T15
E12
Vref
Supply
SSTL_18 Voltage Reference
B11, B12, C5, C6,E3,
VCC
Supply
Core Power Supply
F3, G3, H3, H12, H16,
J3, J12, J16, K3, L3,
M3, P11, P12, R5, R6,
T16
A11, A12, D5, D6, H4,
VCCQ
Supply
I/O Power
H15, J4, J15, T5, T6
A5, A6, A16, B5, B6,
VSS
Supply
Core Ground return
C11, C12, D11, D12,
E14, F14, G14, H1, H2,
H14, J1, J2, J5, J13,
J14, K14, L14, M14, P5,
P6, R11, R12, T1, T11,
T12, H5, H13
G7, G8, G9, G10, H7,
VSSQ
Supply
I/O Ground return
H8, H9, H10, J7, J8, J9,
J10, K7, K8, K9, K10
E15, F9, G11, H6, H11,
NC
No connection
J6, J11, K11, L1, L8, L9,
A1
UNPOPULATED
Unpopulated ball matrix location (location registration aid)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com