Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD32M16 Datasheet(PDF) 34 Page - Micross Components

Part # AS4SD32M16
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16 Datasheet(HTML) 34 Page - Micross Components

Back Button AS4SD32M16 Datasheet HTML 30Page - Micross Components AS4SD32M16 Datasheet HTML 31Page - Micross Components AS4SD32M16 Datasheet HTML 32Page - Micross Components AS4SD32M16 Datasheet HTML 33Page - Micross Components AS4SD32M16 Datasheet HTML 34Page - Micross Components AS4SD32M16 Datasheet HTML 35Page - Micross Components AS4SD32M16 Datasheet HTML 36Page - Micross Components AS4SD32M16 Datasheet HTML 37Page - Micross Components AS4SD32M16 Datasheet HTML 38Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
34
AUTO REFRESH MODE (IT & ET Temp options ONLY)
*CAS latency indicated in parentheses.
TIMING PARAMETERS
MIN
MAX
MIN
MAX
tAH
0.8
ns
tCKH
0.8
ns
tAS
1.5
ns
tCKS
1.5
ns
tCH
2.5
ns
tCMH
0.8
ns
tCL
2.5
ns
tCMS
1.5
ns
tCK(3)
7.5
ns
tRFC
66
ns
tCK(2)
10
ns
tRP
20
ns
-75
UNITS
-75
SYMBOL*
UNITS
SYMBOL*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com