Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD32M16DG-75/IT Datasheet(PDF) 41 Page - Micross Components

Part # AS4SD32M16DG-75/IT
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16DG-75/IT Datasheet(HTML) 41 Page - Micross Components

Back Button AS4SD32M16DG-75/IT Datasheet HTML 37Page - Micross Components AS4SD32M16DG-75/IT Datasheet HTML 38Page - Micross Components AS4SD32M16DG-75/IT Datasheet HTML 39Page - Micross Components AS4SD32M16DG-75/IT Datasheet HTML 40Page - Micross Components AS4SD32M16DG-75/IT Datasheet HTML 41Page - Micross Components AS4SD32M16DG-75/IT Datasheet HTML 42Page - Micross Components AS4SD32M16DG-75/IT Datasheet HTML 43Page - Micross Components AS4SD32M16DG-75/IT Datasheet HTML 44Page - Micross Components AS4SD32M16DG-75/IT Datasheet HTML 45Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
41
READ - FULL-PAGE BURST1
*CAS latency indicated in parentheses.
NOTES:
1. For this example, the CAS latency = 2.
2. A11, and A12 = “Don’t Care”
3. Page left open; no t
RP.
TIMING PARAMETERS
MIN
MAX
MIN
MAX
tAC(3)
5.4
ns
tCKS
1.5
ns
tAC(2)
6
ns
tCMH
0.8
ns
tAH
0.8
ns
tCMS
1.5
ns
tAS
1.5
ns
tHZ(3)
5.4
ns
tCH
2.5
ns
tHZ(2)
6ns
tCL
2.5
ns
tLZ
1ns
tCK(3)
7.5
ns
tOH
3ns
tCK(2)
10
ns
tRCD
20
ns
tCKH
0.8
ns
-75
UNITS
-75
SYMBOL*
UNITS
SYMBOL*
1,024 (x16) locations within same row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com