Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV9923 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV9923
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9923 Datasheet(HTML) 5 Page - Microchip Technology

  HV9923 Datasheet HTML 1Page - Microchip Technology HV9923 Datasheet HTML 2Page - Microchip Technology HV9923 Datasheet HTML 3Page - Microchip Technology HV9923 Datasheet HTML 4Page - Microchip Technology HV9923 Datasheet HTML 5Page - Microchip Technology HV9923 Datasheet HTML 6Page - Microchip Technology HV9923 Datasheet HTML 7Page - Microchip Technology HV9923 Datasheet HTML 8Page - Microchip Technology HV9923 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
 2014 Microchip Technology Inc.
DS20005311A-page 5
HV9921/HV9922/HV9923
FIGURE 1-1:
TYPICAL PERFORMANCE CHARACTERISTICS (TJ= 25°C UNLESS OTHERWISE NOTED)
THERMAL RESISTANCE
Package
θja
TO-92
132°C/W
TO-243AA(SOT-89)
133°C/W
200
180
160
140
120
100
80
60
40
20
0
Junction Temperature (°C)
580
570
560
550
540
530
520
510
500
490
Junction Temperature (°C)
180
160
140
120
100
80
60
40
20
0
DRAIN Voltage (V)
12
10
8
6
4
2
0
Junction Temperature (°C)
1000
100
10
1
0
10
20
30
40
DRAIN Voltage (V)
T
J = 25°C
T
J = 125°C
1.10
1.05
1.00
0.95
0.90
0.85
0.80
-40
-15
10
35
60
85
110
Junction Temperature, °C
-40
-15
10
35
60
85
110
-40
-15
10
35
60
85
110
-40
-15
10
35
60
85
110
0
10
20
30
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com