Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5SP512K18 Datasheet(PDF) 13 Page - Micross Components

Part # AS5SP512K18
Description  On chip address counter for Burst operations
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5SP512K18 Datasheet(HTML) 13 Page - Micross Components

Back Button AS5SP512K18 Datasheet HTML 5Page - Micross Components AS5SP512K18 Datasheet HTML 6Page - Micross Components AS5SP512K18 Datasheet HTML 7Page - Micross Components AS5SP512K18 Datasheet HTML 8Page - Micross Components AS5SP512K18 Datasheet HTML 9Page - Micross Components AS5SP512K18 Datasheet HTML 10Page - Micross Components AS5SP512K18 Datasheet HTML 11Page - Micross Components AS5SP512K18 Datasheet HTML 12Page - Micross Components AS5SP512K18 Datasheet HTML 13Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SSRAM
AS5SP512K18
AS5SP512K18
Rev. 2.4 10/13
Micross Components reserves the right to change products or specifications without notice.
13
DOCUMENT TITLE
9Mb, 512K x 18, Synchronous SRAM
REVISION HISTORY
Rev #
History
Release Date
Status
2.1
Updated Micross information
October 2010
Release
2.2
Added copper lead frame & RoHS
June 2011
Release
options. Deleted I
SB3 and ISB4.
Changed:
From
To
CCLK &CI
5pF
6pF
CIO
5pF
8pF
IDDzz
35mA
75mA
IDD (200 MHz)
250mA
290mA
IDD (166 MHz)
220mA
270mA
IDD (133 MHz)
185mA
240mA
ISB1 (200 MHz)
120mA
200mA
ISB1 (166 MHz)
110mA
180mA
ISB1 (133 MHz)
100mA
160mA
ISB2
30mA
130mA
2.3
Added Thermal Resistance for DQC
September 2011
Release
package, page 6.
2.4
Removed Cu-lead frame option
October 2013
Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com