Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5SP256K36DQ-30/ET Datasheet(PDF) 1 Page - Micross Components

Part # AS5SP256K36DQ-30/ET
Description  Global Write support
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5SP256K36DQ-30/ET Datasheet(HTML) 1 Page - Micross Components

  AS5SP256K36DQ-30/ET Datasheet HTML 1Page - Micross Components AS5SP256K36DQ-30/ET Datasheet HTML 2Page - Micross Components AS5SP256K36DQ-30/ET Datasheet HTML 3Page - Micross Components AS5SP256K36DQ-30/ET Datasheet HTML 4Page - Micross Components AS5SP256K36DQ-30/ET Datasheet HTML 5Page - Micross Components AS5SP256K36DQ-30/ET Datasheet HTML 6Page - Micross Components AS5SP256K36DQ-30/ET Datasheet HTML 7Page - Micross Components AS5SP256K36DQ-30/ET Datasheet HTML 8Page - Micross Components AS5SP256K36DQ-30/ET Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
COTS PEM
SSRAM
AS5SP256K36
AS5SP256K36
Rev. 2.2 10/13
Micross Components reserves the right to change products or specifications without notice.
1
Plastic Encapsulated Microcircuit
9.0Mb, 256K x 36, Synchronous SRAM
Pipeline Burst, Single Cycle Deselect
FEATURES
• Synchronous Operation in relation to the input Clock
• 2 Stage Registers resulting in Pipeline operation
• On chip address counter (base +3) for Burst operations
• Self-Timed Write Cycles
• On-Chip Address and Control Registers
• Byte Write support
• Global Write support
• On-Chip low power mode [powerdown] via ZZ pin
• Interleaved or Linear Burst support via Mode pin
• Three Chip Enables for ease of depth expansion without
Data Contention.
• Two Cycle load, Single Cycle Deselect
• Asynchronous Output Enable (OE\)
• Three Pin Burst Control (ADSP\, ADSC\, ADV\)
• 3.3V Core Power Supply
• 3.3V/2.5V IO Power Supply
• JEDEC Standard 100 pin TQFP Package,
• Available in Industrial, Enhanced, and Mil-Temperature
Operating Ranges
• RoHs compliant options available
Parameter
Symbol
200Mhz
166Mhz
133Mhz
Units
Cycle Time
tCYC
5.0
6.0
7.5
ns
Clock Access Time
tCD
3.0
3.5
4.0
ns
Output Enable Access Time
tOE
3.0
3.5
4.0
ns
FAST ACCESS TIMES
BLOCK DIAGRAM
GENERAL DESCRIPTION
The AS5SP256K36 is a 9.0Mb High Performance
Synchronous Pipeline Burst SRAM, available in multiple
temperature screening levels, fabricated using High
Performance CMOS technology and is organized as a
256K x 36. It integrates address and control registers,
a two (2) bit burst address counter supporting four (4)
double-word transfers. Writes are internally self-timed
and synchronous to the rising edge of clock.
The AS5SP256K36 includes advanced control options
including Global Write, Byte Write as well as an
Asynchronous Output enable. Burst Cycle controls
are handled by three (3) input pins, ADV\, ADSP\ and
ADSC\. Burst operation can be initiated with either the
Address Strobe Processor (ADSP\) or Address Strobe
controller (ADSC\) inputs. Subsequent burst addresses
are generated internally in the system’s burst sequence
control block and are controlled by Address Advance
(ADV\) control input.
CONTROL
BLOCK
BURST CNTL.
Address
Registers
Row
Decode
Column
Decode
Memory Array
x36
SBP
I/O Gating and Control
Output
Register
Input
Register
CLK
CE1\
CE2
CE3\
BWE\
BWx\
GW\
ADV\
ADSC\
ADSP\
MODE
A0-Ax
DQx, DQP
Output
Driver
❑ Synchronous Pipeline
Burst
❋ Two (2) cycle load
❋ One (1) cycle
de-select
❋ One (1) cycle latency
on Mode change
OE\
ZZ
DQPc
DQc
DQc
DQc
DQc
DQc
DQc
DQd
DQd
DQd
DQd
DQd
DQd
DQd
DQd
DQc
DQc
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQa
DQa
DQa
DQa
DQa
DQa
DQa
DQa
DQP
DQP
VDD
VDDQ
VDD
VDD
VSSQ
VSSQ
VSSQ
VSSQ
VSS
VDD
NC
VDDQ
VDDQ
VDDQ
VDDQ
VSSQ
VSSQ
VSSQ
VSSQ
SSRAM [SPB]
1
2
3
4
5
6
7
8
9
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
30
29
28
27
26
25
24
23
NC
NC
VDD
VSS
22
21
20
19
18
17
16
15
14
13
12
10
11
DQPd


Similar Part No. - AS5SP256K36DQ-30/ET

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP256K36DQ-30ET AUSTIN-AS5SP256K36DQ-30ET Datasheet
370Kb / 11P
Plastic Encapsulated Microcircuit 9.0Mb, 256K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP256K36DQ-30IT AUSTIN-AS5SP256K36DQ-30IT Datasheet
370Kb / 11P
Plastic Encapsulated Microcircuit 9.0Mb, 256K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
More results

Similar Description - AS5SP256K36DQ-30/ET

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG295 SILABS-EFM32GG295 Datasheet
1Mb / 76P
Read-while-write support
EFM32GG330 SILABS-EFM32GG330 Datasheet
1Mb / 71P
Read-while-write support
EFM32GG332 SILABS-EFM32GG332 Datasheet
1Mb / 71P
Read-while-write support
EFM32GG380 SILABS-EFM32GG380 Datasheet
2Mb / 78P
Read-while-write support
EFM32GG390 SILABS-EFM32GG390 Datasheet
2Mb / 78P
Read-while-write support
EFM32GG395 SILABS-EFM32GG395 Datasheet
2Mb / 78P
Read-while-write support
EFM32GG840 SILABS-EFM32GG840 Datasheet
1Mb / 73P
Read-while-write support
EFM32GG842 SILABS-EFM32GG842 Datasheet
1Mb / 74P
Read-while-write support
EFM32GG880 SILABS-EFM32GG880 Datasheet
2Mb / 81P
Read-while-write support
logo
Micross Components
AS5SP128K36 MICROSS-AS5SP128K36 Datasheet
701Kb / 14P
Byte Write support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com