Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5SS256K18 Datasheet(PDF) 3 Page - Micross Components

Part # AS5SS256K18
Description  Interally self-timed WRITE cycle
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5SS256K18 Datasheet(HTML) 3 Page - Micross Components

  AS5SS256K18 Datasheet HTML 1Page - Micross Components AS5SS256K18 Datasheet HTML 2Page - Micross Components AS5SS256K18 Datasheet HTML 3Page - Micross Components AS5SS256K18 Datasheet HTML 4Page - Micross Components AS5SS256K18 Datasheet HTML 5Page - Micross Components AS5SS256K18 Datasheet HTML 6Page - Micross Components AS5SS256K18 Datasheet HTML 7Page - Micross Components AS5SS256K18 Datasheet HTML 8Page - Micross Components AS5SS256K18 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AS5SS256K18
Rev. 2.5 10/13
Micross Components reserves the right to change products or specifications without notice.
3
SSRAM
AS5SS256K18
INTERLEAVED BURST ADDRESS TABLE (MODE=NC OR HIGH)
LINEAR BURST ADDRESS TABLE (MODE=LOW)
FUNCTIONAL BLOCK DIAGRAM
NOTE: The Functional Block Diagram illustrates simplified device operation. See Truth Table, pin descriptions and timing
diagrams for detailed information.
18
18
16
18
SA0, SA1, SA
MODE
ADV\
CLK
ADSC\
ADSP\
BWb\
BWa\
BWE\
GW\
CE\
CE2
CE2\
OE\
2
ADDRESS
REGISTER
BINARY
COUNTER AND
LOGIC
BYTE "b"
WRITE REGISTER
BYTE "a"
WRITE REGISTER
ENABLE
REGISTER
CLR
Q1
Q0
SA1'
SA0'
INPUT
REGISTERS
OUTPUT
BUFFERS
SENSE
AMPS
256K x 9 x 2
MEMORY
ARRAY
9
9
BYTE "b"
WRITE DRIVER
BYTE "a"
WRITE DRIVER
9
9
18
18
18
18
DQs
DQPa
DQPb
2
SA0-SA1
FIRST ADDRESS (EXTERNAL) SECOND ADDRESS (INTERNAL) THIRD ADDRESS (INTERNAL) FOURTH ADDRESS (INTERNAL)
X…X00
X…X01
X…X10
X…X11
X…X01
X…X00
X…X11
X…X10
X…X10
X…X11
X…X00
X…X01
X…X11
X…X10
X…X01
X…X00
FIRST ADDRESS (EXTERNAL) SECOND ADDRESS (INTERNAL) THIRD ADDRESS (INTERNAL) FOURTH ADDRESS (INTERNAL)
X…X00
X…X01
X…X10
X…X11
X…X01
X…X10
X…X11
X…X00
X…X10
X…X11
X…X00
X…X01
X…X11
X…X00
X…X01
X…X10
PARTIAL TRUTH TABLE FOR WRITE COMMANDS
FUNCTION
GW\
BWE\
BWa\
BWb\
READ
H
H
X
X
READ
H
L
H
H
WRITE Byte "a"
H
L
L
H
WRITE Byte "b"
H
L
H
L
WRITE All Bytes
H
L
L
L
WRITE All Bytes
L
X
X
X
NOTE: Using BWE\ and BWa\ through BWb\, any one or more bytes may be
written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com