Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF080BT-40I/NP Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25WF080BT-40I/NP
Description  8 Mbit 1.8V SPI Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080BT-40I/NP Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25WF080BT-40I/NP Datasheet HTML 17Page - Microchip Technology SST25WF080BT-40I/NP Datasheet HTML 18Page - Microchip Technology SST25WF080BT-40I/NP Datasheet HTML 19Page - Microchip Technology SST25WF080BT-40I/NP Datasheet HTML 20Page - Microchip Technology SST25WF080BT-40I/NP Datasheet HTML 21Page - Microchip Technology SST25WF080BT-40I/NP Datasheet HTML 22Page - Microchip Technology SST25WF080BT-40I/NP Datasheet HTML 23Page - Microchip Technology SST25WF080BT-40I/NP Datasheet HTML 24Page - Microchip Technology SST25WF080BT-40I/NP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
 2014 Microchip Technology Inc.
DS20005164C-page 21
SST25WF080B
6.1
Power-Up Specifications
All functionalities and DC specifications are specified
for a VDD ramp rate of greater than 1V per 100 ms (0V
to 1.8V in less than 180 ms). See Table 6-3 and Figure
6-2 for more information.
FIGURE 6-1:
POWER-UP TIMING DIAGRAM
TABLE 6-3:
RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
VDD Min to Read Operation
500
μs
TPU-WRITE1
VDD Min to Write Operation
500
μs
Time
VDD Min
VDD Max
VDD
Device fully accessible
TPU-READ
TPU-WRITE
Chip selection is not allowed.
Commands may not be accepted or properly
interpreted by the device.
25164 F27.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com