Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD1202 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD1202
Description  Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1202 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD1202 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1202 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Darlington Power Transistor
2SD1202
DESCRIPTION
·
Low Collector Saturation Voltage
·
High DC Current Gain
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
High ruggedness electronic ignitions
·
High voltage ignition coil driver
·
General purpose power amplifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
500
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
10
A
ICM
Collector Current-peak
20
A
IB
Base Current
1
A
PC
Collector Power Dissipation
@TC=25℃
100
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃
/W


Similar Part No. - 2SD1202

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1200 ROHM-2SD1200 Datasheet
42Kb / 1P
MEDIUM POWER TRANSISTOR
2SD1200F ROHM-2SD1200F Datasheet
42Kb / 1P
MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
2SD1200F ETC1-2SD1200F Datasheet
38Kb / 1P
MEDIUM POWER TRANSISTOR(-80V, -0.7A)
logo
ON Semiconductor
2SD1203T-E ONSEMI-2SD1203T-E Datasheet
389Kb / 10P
Bipolar Transistor
September, 2013
2SD1203T-E ONSEMI-2SD1203T-E Datasheet
389Kb / 10P
Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SD1202

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com