Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL610-02 Datasheet(PDF) 13 Page - Microchip Technology

Part # PL610-02
Description  1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-02 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PL610-02 Datasheet HTML 8Page - Microchip Technology PL610-02 Datasheet HTML 9Page - Microchip Technology PL610-02 Datasheet HTML 10Page - Microchip Technology PL610-02 Datasheet HTML 11Page - Microchip Technology PL610-02 Datasheet HTML 12Page - Microchip Technology PL610-02 Datasheet HTML 13Page - Microchip Technology PL610-02 Datasheet HTML 14Page - Microchip Technology PL610-02 Datasheet HTML 15Page - Microchip Technology PL610-02 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005616A-page 13
PL610-01/-02/-03
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) PL610-01D6C:
1.8V to 3.3V Single IC XO with
Frequency Tuning, Die, 6 mm
Thickness, Commercial Temp.
Range, Tray
b) PL610-02E8C:
1.8V to 3.3V Single IC XO with
Frequency Tuning, Die
(non-conductive back), 8 mm
Thickness, Commercial Temp.
Range, Tray
c) PL610-03VAC:
1.8V to 3.3V Single IC XO with
Frequency Tuning, Wafer
(non-conductive back), 10 mm
Thickness, Commercial Temp.
Range, Tray
d) PL610-01WC:
1.8V to 3.3V Single IC XO with
Frequency Tuning, Wafer, 12 mm
Thickness, Commercial Temp.
Range, Tray
e) PL610-02W8C:
1.8V to 3.3V Single IC XO with
Frequency Tuning, Wafer, 8 mm
Thickness, Commercial Temp.
Range, Tray
f) PL610-03DAC:
1.8V to 3.3V Single IC XO with
Frequency Tuning, Die, 10 mm
Thickness, Commercial Temp.
Range, Tray
g) PL610-02E6C:
1.8V to 3.3V Single IC XO with
Frequency Tuning, Die
(non-conductive back), 6 mm
Thickness, Commercial Temp.
Range, Tray
h) PL610-01VC:
1.8V to 3.3V Single IC XO with
Frequency Tuning, Wafer
(non-conductive back), 12 mm
Thickness, Commercial Temp.
Range, Tray
PART NO.
X
Package
Device
Device:
PL610-01:
1.8V to 3.3V Single IC XO with Frequency
Tuning (10 MHz to 130 MHz)
PL610-02:
1.8V to 3.3V Single IC XO with Frequency
Tuning (10 MHz to 130 MHz)
PL610-03:
1.8V to 3.3V Single IC XO with Frequency
Tuning (10 MHz to 130 MHz)
Package:
D
=
Die
E
=
Die (with non-conductive backcoating)
V
=
Wafer (with non-conductive backcoating)
W=
Wafer
Thickness:
6
=
6 mm (Die Only)
8=
8 mm
A=
10 mm
none =
12 mm
Temperature:
C
=
0°C to +70°C (Commercial)
Media Type:
none =
Tray
X
Thickness
X
Media Type
X
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com