Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LECGP3W-8U7V-1 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LECGP3W-8U7V-1
Description  OSTAR High Power Projection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP3W-8U7V-1 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LECGP3W-8U7V-1 Datasheet HTML 9Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 10Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 11Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 12Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 13Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 14Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 15Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 16Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Version 1.4
LE CG P3W
2015-08-12
13
Chromaticity Coordinate Shift 7) page 24
Farbortverschiebung 7) Seite 24
ΔCx, ΔCy = f(Tj); IF = 6000 mA; per Chip
within λ = 500 ... 600 nm
Chromaticity Coordinate Shift 7) page 24
Farbortverschiebung 7) Seite 24
ΔCx, ΔCy = f(Tj); IF = 6000 mA; per Chip
full spectral range
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx; ∆Cy
: Cx
: Cy
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx; ∆Cy
: Cx
: Cy
OHL05134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com