Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC521 Datasheet(PDF) 6 Page - Micross Components

Part # HMC521
Description  Point-to-Point and Point-to-Multi-Point Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC521 Datasheet(HTML) 6 Page - Micross Components

  HMC521 Datasheet HTML 1Page - Micross Components HMC521 Datasheet HTML 2Page - Micross Components HMC521 Datasheet HTML 3Page - Micross Components HMC521 Datasheet HTML 4Page - Micross Components HMC521 Datasheet HTML 5Page - Micross Components HMC521 Datasheet HTML 6Page - Micross Components HMC521 Datasheet HTML 7Page - Micross Components HMC521 Datasheet HTML 8Page - Micross Components HMC521 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3
3 - 72
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Isolations
IF Bandwidth*
Upconverter Performance Conversion
Gain vs. LO Drive
Amplitude Balance vs. LO Drive
Phase Balance vs. LO Drive
Quadrature Channel Data Taken Without IF 90° Hybrid
Upconverter Performance Sideband
Rejection vs. LO Drive
-60
-50
-40
-30
-20
-10
8
9
10
11
12
13
14
RF FREQUENCY (GHz)
LO/IF2
LO/IF1
RF/IF1
LO/IF2
LO/RF
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
RETURN LOSS
CONVERSION GAIN
IF FREQUENCY (GHz)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
8
9
10
11
12
13
14
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
-10
-5
0
5
10
8
9
10
11
12
13
14
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
8
9
10
11
12
13
14
LO = +11 dBm
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
8
9
10
11
12
13
14
LO = +11 dBm
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
* Conversion gain data taken with external IF 90° hybrid
HMC521
v01.1007
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com