Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB84604 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 23Page - Microchip Technology USB84604 Datasheet HTML 24Page - Microchip Technology USB84604 Datasheet HTML 25Page - Microchip Technology USB84604 Datasheet HTML 26Page - Microchip Technology USB84604 Datasheet HTML 27Page - Microchip Technology USB84604 Datasheet HTML 28Page - Microchip Technology USB84604 Datasheet HTML 29Page - Microchip Technology USB84604 Datasheet HTML 30Page - Microchip Technology USB84604 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 27
USB84604
6.0
DEVICE CONFIGURATION
The device supports a large number of features (some mutually exclusive), and must be configured in order to correctly
function when attached to a USB host controller. The hub can be configured either internally or externally depending on
the implemented interface.
Microchip provides a comprehensive software programming tool, Protouch, for configuring the USB84604 functions,
registers and OTP memory. All configuration is to be performed via the Protouch Programming Tool. For additional infor-
mation on the Protouch Programming Tool, contact your local Microchip sales representative.
6.1
Configuration Method Selection
The hub will interface to external memory depending on the configuration of the device pins associated with each inter-
face type. The device will first check whether an external SPI ROM is present. If present, the device will operate entirely
from the external ROM. When an external SPI ROM is not present, the device will check whether the SMBus is config-
ured. When the SMBus is enabled, it can be used to configure the internal device registers via the configuration registers
address space, or to program the internal OTP memory. If no external options are detected, the device will operate using
the internal default and configuration strap settings. The order in which device configuration is attempted is summarized
below:
1.
SPI (Reading the configuration from an SPI ROM)
2.
SMBus (either writing the configuration registers in the XDATA address space, or to OTP)
3.
Internal default settings (with or without configuration strap over-rides)
6.2
Customer Accessible Functions
The following USB or SMBus accessible functions are available to the customer via the Microchip Protouch Program-
ming Tool.
6.2.1
USB ACCESSIBLE FUNCTIONS
6.2.1.1
I2C Master Access over USB
Access to I2C devices is performed as a pass-through operation from the USB Host. The device firmware has no knowl-
edge of the operation of the attached I2C device. The supported commands can be found on our web site at
www.microchip.com. Refer to the product page of the USB84604.
Note:
Refer to Chapter 7.0 Device Interfaces on page 31 for detailed information on each device configuration
interface.
Note:
For additional programming details, refer to the Microchip Protouch Programming Tool User Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com