Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1002-1 Datasheet(PDF) 55 Page - Microchip Technology

Part # UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Datasheet(HTML) 55 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 51Page - Microchip Technology UCS1002-1 Datasheet HTML 52Page - Microchip Technology UCS1002-1 Datasheet HTML 53Page - Microchip Technology UCS1002-1 Datasheet HTML 54Page - Microchip Technology UCS1002-1 Datasheet HTML 55Page - Microchip Technology UCS1002-1 Datasheet HTML 56Page - Microchip Technology UCS1002-1 Datasheet HTML 57Page - Microchip Technology UCS1002-1 Datasheet HTML 58Page - Microchip Technology UCS1002-1 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
55
Revision 1.4 (07-16-13)
DATASHEET
Note 7.1
Any time the charge rationing circuitry checks the pin conditions when changing rationing
behavior or resetting charge rationing, if the external pin conditions have changed, then
charger emulation will be restarted (provided emulation is enabled via the pin states). If
the pin conditions have not changed, the UCS1002 return to the previous power state as
if the rationing threshold had not been reached (e.g., it will not discharge VBUS or restart
emulation).
7.5.1
Charge Rationing Interactions
When charge rationing is active, regardless of the specified behavior, the UCS1002 will function
normally until the charge rationing threshold is reached. Note that charge rationing is only active when
the UCS1002 is in the Active state, and it does not automatically reset when a Removal or Attach
Detection event occurs. Charger emulation will start over if a Removal Detection event and Attach
Detection event occur while charge rationing is active and the charge rationing threshold has not been
reached. This allows charging of sequential portable devices while charge is being rationed, which
means that the accumulated power given to several portable devices will still be held to the stated
rationing limit.
Changing the charge rationing behavior will have no effect on the charge rationing data registers. If
the behavior is changed prior to reaching the charge rationing threshold, this change will occur and be
transparent to the user. When the charge rationing threshold is reached, the UCS1002 will take action
as shown in Table 7.1. If the behavior is changed after the charge rationing threshold has been
reached, the UCS1002 will immediately adopt the newly programmed behavior, clearing the ALERT#
pin and restoring switch operation respectively (see Table 7.3).
Table 7.3 Effects of Changing Rationing Behavior after Threshold Reached
PREVIOUS
BEHAVIOR
NEW BEHAVIOR
ACTIONS TAKEN
Ignore
Report
Assert ALERT# pin.
Report and
Disconnect
1. Assert ALERT# pin.
2. Remove charger emulation profile.
3. Open port power switch. See the “Report and Disconnect” entry in
Table 7.1.
Disconnect and
go to Sleep
1. Remove charger emulation profile.
2. Open port power switch.
3. Enter the Sleep state. See the “Disconnect and go to Sleep” entry in
Table 7.1.
Report
Ignore
Release ALERT# pin.
Report and
Disconnect
Open port power switch. See the “Report and Disconnect” entry in Table 7.1.
Disconnect and
go to Sleep
1. Release the ALERT# pin.
2. Remove charger emulation profile.
3. Open the port power switch.
4. Enter the Sleep state. See the “Disconnect and go to Sleep” entry in
Table 7.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com