Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79402 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP79402
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402 Datasheet(HTML) 5 Page - Microchip Technology

  MCP79402 Datasheet HTML 1Page - Microchip Technology MCP79402 Datasheet HTML 2Page - Microchip Technology MCP79402 Datasheet HTML 3Page - Microchip Technology MCP79402 Datasheet HTML 4Page - Microchip Technology MCP79402 Datasheet HTML 5Page - Microchip Technology MCP79402 Datasheet HTML 6Page - Microchip Technology MCP79402 Datasheet HTML 7Page - Microchip Technology MCP79402 Datasheet HTML 8Page - Microchip Technology MCP79402 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 5
MCP79400/MCP79401/MCP79402
TABLE 1-1:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.8V to 5.5V
TA = -40°C to +85°C
Param.
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
1FCLK
Clock Frequency
—
—
100
kHz
1.8V ≤ VCC <2.5V
—
—
400
kHz
2.5V ≤ VCC ≤ 5.5V
2THIGH
Clock High Time
4000
—
—
ns
1.8V ≤ VCC <2.5V
600
—
—
ns
2.5V ≤ VCC ≤ 5.5V
3TLOW
Clock Low Time
4700
—
—
ns
1.8V ≤ VCC <2.5V
1300
—
—
ns
2.5V ≤ VCC ≤ 5.5V
4TR
SDA and SCL Rise Time
(Note 1)
—
—
1000
ns
1.8V ≤ VCC <2.5V
—
—
300
ns
2.5V ≤ VCC ≤ 5.5V
5TF
SDA and SCL Fall Time
(Note 1)
—
—
1000
ns
1.8V ≤ VCC <2.5V
—
—
300
ns
2.5V ≤ VCC ≤ 5.5V
6THD:STA Start Condition Hold Time
4000
—
—
ns
1.8V ≤ VCC <2.5V
600
—
—
ns
2.5V ≤ VCC ≤ 5.5V
7TSU:STA Start Condition Setup Time
4700
—
—
ns
1.8V ≤ VCC <2.5V
600
—
—
ns
2.5V ≤ VCC ≤ 5.5V
8THD:DAT Data Input Hold Time
0
—
—
ns
Note 2
9TSU:DAT Data Input Setup Time
250
—
—
ns
1.8V ≤ VCC <2.5V
100
—
—
ns
2.5V ≤ VCC ≤ 5.5V
10
TSU:STO Stop Condition Setup Time
4000
—
—
ns
1.8V ≤ VCC <2.5V
600
—
—
ns
2.5V ≤ VCC ≤ 5.5V
11
TAA
Output Valid from Clock
—
—
3500
ns
1.8V ≤ VCC <2.5V
—
—
900
ns
2.5V ≤ VCC ≤ 5.5V
12
TBUF
Bus Free Time: Bus time
must be free before a new
transmission can start
4700
—
—
ns
1.8V ≤ VCC <2.5V
1300
—
—
ns
2.5V ≤ VCC ≤ 5.5V
13
TSP
Input Filter Spike
Suppression
(SDA and SCL pins)
—
—
50
ns
Note 1
14
TWC
Write Cycle Time (byte or
page)
——
5
ms
15
TFVCC
VCC Fall Time
300
—
—
µs
Note 1
16
TRVCC
VCC Rise Time
0
—
—
µs
Note 1
17
FOSC
Oscillator Frequency
—
32.768
—
kHz
18
TOSF
Oscillator Timeout Period
1
—
—
ms
Note 1
19
Endurance
1M
—
—
cycles Page Mode,
25°C,VCC =5.5V
(Note 3)
Note 1:
Not 100% tested.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
This parameter is not tested but ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62