Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN88730AM-C Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN88730AM-C
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730AM-C Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN88730AM-C Datasheet HTML 6Page - Microchip Technology LAN88730AM-C Datasheet HTML 7Page - Microchip Technology LAN88730AM-C Datasheet HTML 8Page - Microchip Technology LAN88730AM-C Datasheet HTML 9Page - Microchip Technology LAN88730AM-C Datasheet HTML 10Page - Microchip Technology LAN88730AM-C Datasheet HTML 11Page - Microchip Technology LAN88730AM-C Datasheet HTML 12Page - Microchip Technology LAN88730AM-C Datasheet HTML 13Page - Microchip Technology LAN88730AM-C Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
LAN88730
DS60001256B-page 10
2012-2015 Microchip Technology Inc.
Note 1: Configuration strap values are latched on power-on reset and system reset. Configuration straps are iden-
tified by an underlined symbol name. Signals that function as configuration straps must be augmented with
an external resistor when connected to a load. Refer to Section 3.7, "Configuration Straps" for additional
information.
TABLE 2-2:
LED PINS
Num Pins
Name
Symbol
Buffer Type
Description
1
LED 1
LED1
O12
Link activity LED indication. This pin is driven active
when a valid link is detected and blinks when activ-
ity is detected.
Note:
Refer to Section 3.8.1, "LEDs" for addi-
tional LED information.
1
LED 2
LED2
O12
Link speed LED indication. This pin is driven active
when the operating speed is 100 Mbps. It is
inactive when the operating speed is 10 Mbps or
during line isolation.
Note:
Refer to Section 3.8.1, "LEDs" for addi-
tional LED information.
nINT/TXER/
TXD4 Function
Select Configu-
ration Strap
nINTSEL
IS
(PU)
This configuration strap selects the mode of the
nINT/TXER/TXD4 pin.
• When nINTSEL is floated or pulled to VDD2A,
nINT is selected for operation on the
nINT/TXER/TXD4 pin (default).
• When nINTSEL is pulled low to VSS,
TXER/TXD4 is selected for operation on the
nINT/TXER/TXD4 pin.
See Note 1 for more information on configuration
straps.
Note:
Refer to See Section 3.8.1.2, "nINTSEL
and LED2 Polarity Selection" for addi-
tional information.
TABLE 2-3:
SERIAL MANAGEMENT INTERFACE (SMI) PINS
Num Pins
Name
Symbol
Buffer Type
Description
1SMI Data
Input/Output
MDIO
VIS/
VO8
(PU)
Serial Management Interface data input/output
1
SMI Clock
MDC
VIS
Serial Management Interface clock
TABLE 2-4:
ETHERNET PINS
Num Pins
Name
Symbol
Buffer Type
Description
1
Ethernet
TX/RX Posi-
tive Channel
1
TXP
AIO
Transmit/Receive Positive Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com